전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA431SMF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA431SMF
상세설명  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431SMF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA431SMF Datasheet HTML 1Page - Fairchild Semiconductor KA431SMF Datasheet HTML 2Page - Fairchild Semiconductor KA431SMF Datasheet HTML 3Page - Fairchild Semiconductor KA431SMF Datasheet HTML 4Page - Fairchild Semiconductor KA431SMF Datasheet HTML 5Page - Fairchild Semiconductor KA431SMF Datasheet HTML 6Page - Fairchild Semiconductor KA431SMF Datasheet HTML 7Page - Fairchild Semiconductor KA431SMF Datasheet HTML 8Page - Fairchild Semiconductor KA431SMF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.7
Features
• Programmable Output Voltage to 36 Volts
• Low Dynamic Output Impedance 0.2Ω Typical
• Sink Current Capability of 1.0 to 100mA
• Equivalent Full-Range Temperature Coefficient of
50ppm/
°C Typical
• Temperature Compensated for Operation Over Full Rated
Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response
Description
The KA431S/KA431SA/KA431SL are three-terminal
adjustable regulator series with a guaranteed thermal
stability over applicable temperature ranges. The output
voltage may be set to any value between VREF
(approximately 2.5 volts) and 36 volts with two external
resistors These devices have a typical dynamic output
impedance of 0.2Ω. Active output circuitry provides a very
sharp turn on characteristic, making these devices excellent
replacement for zener diodes in many applications.
SOT-23F
1
2
3
MF-
1.Cathode 2. Ref 3. Anode
MF2- 1. Ref 2. Cathode 3. Anode
Internal Block Diagram
2.5 Vref
CATHODE
ANODE
REFERENCE
ANODE(A)
REFERENCE (R)
CATHODE (K)
+
-
KA431S/KA431SA/KA431SL
Programmable Shunt Regulator


유사한 부품 번호 - KA431SMF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA431SMF FAIRCHILD-KA431SMF Datasheet
106Kb / 10P
   Programmable Shunt Regulator
KA431SMF2 FAIRCHILD-KA431SMF2 Datasheet
106Kb / 10P
   Programmable Shunt Regulator
KA431SMF2TF FAIRCHILD-KA431SMF2TF Datasheet
237Kb / 10P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431SMF2TF ONSEMI-KA431SMF2TF Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
KA431SMFTF FAIRCHILD-KA431SMFTF Datasheet
237Kb / 10P
   Programmable Shunt Regulator
More results

유사한 설명 - KA431SMF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com