전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16 데이터시트(PDF) 11 Page - Infineon Technologies AG

부품명 BAS16
상세설명  Silicon Switching Diode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16 데이터시트(HTML) 11 Page - Infineon Technologies AG

Back Button BAS16_09 Datasheet HTML 7Page - Infineon Technologies AG BAS16_09 Datasheet HTML 8Page - Infineon Technologies AG BAS16_09 Datasheet HTML 9Page - Infineon Technologies AG BAS16_09 Datasheet HTML 10Page - Infineon Technologies AG BAS16_09 Datasheet HTML 11Page - Infineon Technologies AG BAS16_09 Datasheet HTML 12Page - Infineon Technologies AG BAS16_09 Datasheet HTML 13Page - Infineon Technologies AG BAS16_09 Datasheet HTML 14Page - Infineon Technologies AG BAS16_09 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
2009-09-28
11
BAS16...
Package SC74
Package Outline
Foot Print
Standard Packing
0.5
0.95
54
6
3
2
1
1.1 MAX.
(0.35)
(2.25)
±0.2
2.9
B
0.2
+0.1
-0.05
0.35
Pin 1
marking
M
B 6x
0.95
1.9
0.15 -0.06
+0.1
A
A
0.2 M
0.1 MAX.
4
3.15
Pin 1
marking
0.2
1.15
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
For symmetric types no defined Pin 1 orientation in reel.
Manufacturer
2005, June
Date code (Year/Month)
BCW66H
Type code
Pin 1 marking
Laser marking
Marking Layout (Example)
Small variations in positioning of
Date code, Type code and Manufacture are possible.


유사한 부품 번호 - BAS16_09

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
logo
Diodes Incorporated
BAS16 DIODES-BAS16_09 Datasheet
103Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 22 - 2
logo
Pan Jit International I...
BAS16 PANJIT-BAS16_09 Datasheet
204Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_09 Datasheet
124Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
More results

유사한 설명 - BAS16_09

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com