전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS16-02V 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BAS16-02V
상세설명  Silicon Switching Diode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16-02V 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BAS16-02V Datasheet HTML 1Page - Infineon Technologies AG BAS16-02V Datasheet HTML 2Page - Infineon Technologies AG BAS16-02V Datasheet HTML 3Page - Infineon Technologies AG BAS16-02V Datasheet HTML 4Page - Infineon Technologies AG BAS16-02V Datasheet HTML 5Page - Infineon Technologies AG BAS16-02V Datasheet HTML 6Page - Infineon Technologies AG BAS16-02V Datasheet HTML 7Page - Infineon Technologies AG BAS16-02V Datasheet HTML 8Page - Infineon Technologies AG BAS16-02V Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2009-09-28
1
BAS16...
Silicon Switching Diode
• For high-speed switching applications
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAS16-07L4
BAS16
BAS16W
BAS16S
BAS16U
BAS16-02L
BAS16-02V
BAS16-02W
BAS16-03W

,
!
"
, 
!



, 
!
"
#
$
,
, !
Type
Package
Configuration
Marking
BAS16
BAS16-02L*
BAS16-02V
BAS16-02W
BAS16-03W
BAS16-07L4*
BAS16S
BAS16U
BAS16W
SOT23
TSLP-2-1
SC79
SCD80
SOD323
TSLP-4-4
SOT363
SC74
SOT323
single
single, leadless
single
single
single
parallel pair, leadless
parallel triple
parallel triple
single
A6s
A6
6
A6
white B
6A
A6s
A6s
A6s
* Preliminary Data
1Pb-containing package may be available upon special request


유사한 부품 번호 - BAS16-02V

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAS16-02V INFINEON-BAS16-02V Datasheet
517Kb / 10P
   Silicon Switching Diode
Dec-04-2003
BAS16-02VE6327 INFINEON-BAS16-02VE6327 Datasheet
1,015Kb / 21P
   For high-speed switching applications
2009-09-28
More results

유사한 설명 - BAS16-02V

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAS21 INFINEON-BAS21_07 Datasheet
119Kb / 9P
   Silicon Switching Diode
2007-04-19
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com