전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK4112 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 STK4112
상세설명  AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4112 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  STK4112 Datasheet HTML 1Page - Sanyo Semicon Device STK4112 Datasheet HTML 2Page - Sanyo Semicon Device STK4112 Datasheet HTML 3Page - Sanyo Semicon Device STK4112 Datasheet HTML 4Page - Sanyo Semicon Device STK4112 Datasheet HTML 5Page - Sanyo Semicon Device STK4112 Datasheet HTML 6Page - Sanyo Semicon Device STK4112 Datasheet HTML 7Page - Sanyo Semicon Device STK4112 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STK4112II
No. 2322—4/8
Input voltage, Vi - mV
Output power, PO - W
Frequency, f - Hz
Output power, PO - W
Frequency, f - Hz
Operating substrate temperature, Tc -
°C


유사한 부품 번호 - STK4112

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK4112II ETC1-STK4112II Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
STK4112V ETC1-STK4112V Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
More results

유사한 설명 - STK4112

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
   AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
STK4182II SANYO-STK4182II Datasheet
252Kb / 8P
   AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.4%)
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
   AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com