전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC817K-40 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 BC817K-40
상세설명  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817K-40 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button BC817K-40 Datasheet HTML 3Page - Infineon Technologies AG BC817K-40 Datasheet HTML 4Page - Infineon Technologies AG BC817K-40 Datasheet HTML 5Page - Infineon Technologies AG BC817K-40 Datasheet HTML 6Page - Infineon Technologies AG BC817K-40 Datasheet HTML 7Page - Infineon Technologies AG BC817K-40 Datasheet HTML 8Page - Infineon Technologies AG BC817K-40 Datasheet HTML 9Page - Infineon Technologies AG BC817K-40 Datasheet HTML 10Page - Infineon Technologies AG BC817K-40 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2008-04-11
7
BC817.../BC818...
Total power dissipation Ptot = ƒ(TS)
BC817, BC818: - - - , BC817K, BC818K: ___
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
250
300
350
400
450
mW
550
BC817K, BC818K
BC817, BC818
Total power dissipation Ptot = ƒ(TS)
BC817W/KW, BC818W/KW
0
15
30
45
60
75
90 105 120 °C
150
TS
0
50
100
150
200
250
300
350
400
450
mW
550
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
BC817, BC818
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
4
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load RthJS = ƒ(tp)
BC817, BC818
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0


유사한 부품 번호 - BC817K-40

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BC817K-40 INFINEON-BC817K-40 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
logo
Nexperia B.V. All right...
BC817K-40 NEXPERIA-BC817K-40 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
BC817K-40 NEXPERIA-BC817K-40 Datasheet
350Kb / 24P
   45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
logo
Nexperia B.V. All right...
BC817K-40H NEXPERIA-BC817K-40H Datasheet
366Kb / 21P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 5 March 2019
More results

유사한 설명 - BC817K-40

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com