전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF5030W 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BF5030W
상세설명  Silicon N-Channel MOSFET Tetrode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF5030W 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BF5030W Datasheet HTML 1Page - Infineon Technologies AG BF5030W Datasheet HTML 2Page - Infineon Technologies AG BF5030W Datasheet HTML 3Page - Infineon Technologies AG BF5030W Datasheet HTML 4Page - Infineon Technologies AG BF5030W Datasheet HTML 5Page - Infineon Technologies AG BF5030W Datasheet HTML 6Page - Infineon Technologies AG BF5030W Datasheet HTML 7Page - Infineon Technologies AG BF5030W Datasheet HTML 8Page - Infineon Technologies AG BF5030W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2009-05-05
4
BF5030...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics - (verified by random sampling)
Forward transconductance
VDS = 3 V, ID = 10 mA, VG2S = 3 V
VDS = 5 V, ID = 10 mA, VG2S = 4 V
gfs
-
-
41
41
-
-
mS
Gate1 input capacitance
VDS = 3 V, ID = 10 mA, VG2S = 3 V
VDS = 5 V, ID = 10 mA, VG2S = 4 V
Cg1ss
-
-
2.7
2.8
-
-
pF
Output capacitance
VDS = 3 V, ID = 10 mA, VG2S = 3 V
VDS = 5 V, ID = 10 mA, VG2S = 4 V
Cdss
-
-
1.6
1.5
-
-
Power gain
VDS = 3 V, ID = 10 mA, VG2S = 3 V, f = 800 MHz
VDS = 3 V, ID = 10 mA, VG2S = 3 V, f = 45 MHz
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 800 MHz
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 45 MHz
Gp
-
-
-
-
24
34
24
34
-
-
-
-
dB
Noise figure
VDS = 3 V, ID = 10 mA, VG2S = 3 V, f = 800 MHz
VDS = 3 V, ID = 10 mA, VG2S = 3 V, f = 45 MHz
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 800 MHz
VDS = 5 V, ID = 10 mA, VG2S = 4 V, f = 45 MHz
F
-
-
-
-
1.3
0.9
1.3
0.9
-
-
-
-
dB
Gain control range
VDS = 3 V, VG2S = 3...0 V , f = 800 MHz
VDS = 5 V, VG2S = 4...0 V , f = 800 MHz
∆Gp
45
45
50
50
-
-
Cross-modulation k=1%, fw=50MHz, funw=60MHz
AGC = 0
AGC = 10 dB
AGC = 40 dB
Xmod
90
-
96
94
92
98
-
-
-
dB


유사한 부품 번호 - BF5030W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
More results

유사한 설명 - BF5030W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com