전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB15100S 데이터시트(PDF) 1 Page - Semikron International

부품명 SB15100S
상세설명  Schottky barrier rectifier diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIKRON [Semikron International]
홈페이지  http://www.semikron.com
Logo SEMIKRON - Semikron International

SB15100S 데이터시트(HTML) 1 Page - Semikron International

  SB15100S Datasheet HTML 1Page - Semikron International SB15100S Datasheet HTML 2Page - Semikron International SB15100S Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB 1520S ... SB 15100S
© by SEMIKRON
Rev. 3 – 21.01.2011
1
Axial Lead Diode
Diode
Schottky barrier rectifier
diodes
Forward Current: 15 A
Reverse Voltage: 20 to 100 V
SB 1520S ... SB 15100S
Features
• Max. solder temperature: 260°C
• Plastic material has UL
classification 94V-0
• Electrostatic discharge immunity
test IEC 1000-4-2 (C=150 pF, R=150
Ohm): voltage class 20 kV
Typical Applications*
• Designed as Bypass Diodes for Solar
Panels, protection application
Mechanical Data
• Plastic case: 5,4 x 7,5 [mm]
• Weight approx.: 1,4 g
• Terminals: plated terminals solderable
per MIL-STD-750
• Mounting position: any
• Standard packaging: 1250 pieces per
ammo
Footnotes
1) IF = - A, IR = - A, IRR = - A
2)
IF = 5 A, Tj = 25 °C
3) IF = 15 A, Tj = 25 °C
4) Valid, if leads are kept at TA at a distance
of 10 mm from case
5) Max. junction temperature Tj ≤200 °C in
bypass mode / DC forward mode
6)
Thermal resistance from junction to lead/
terminal at distance 0 mm from case
Type
Repetitive
peak
reverse
voltage
VRRM
V
Surge peak
reverse
voltage
VRSM
V
Max.
reverse
recovery
time
trr1)
ns
Max.
forward
voltage
VF2)
V
Max.
forward
voltage
VF3)
V
SB 1520S
20
20
-
0,43
0,52
SB 1530S
30
30
-
0,43
0,52
SB 1540S
40
40
-
0,43
0,52
SB 1545S
45
45
-
0,43
0,52
SB 1550S
50
50
-
0,6
-
SB 1560S
60
60
-
0,6
-
SB 1590S
90
90
-
0,74
-
SB 15100S 100
100
-
0,74
-
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
Ta = 25 °C, unless otherwise specified
IFAV
R-load, 4), Ta =50 °C
15
A
IFRM
f > 15 Hz, 4)
60
A
IFSM
half sinus-wave
Ta =25 °C
tp =10ms
320
A
tp =8.3 ms
A
i2t
Ta =25 °C
tp =10ms
512
A²s
tp =8.3 ms
A²s
Tj
Operating junction temperature
-50 ... +150
°C
Tj
DC forward (bypass) mode 5)
-50 ... +200
°C
Tstg
Storage temperature
-50 ... +175
°C
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
Ta = 25 °C, unless otherwise specified
IR
Tj =25 °C, VR = VRRM
500
µA
IR
Tj =100 °C, VR = VRRM
25
mA
Cj
at 1 MHz and applied reverse voltage
of 4 V
-pF
ERSM
L= 60 mH, Tj = 25 °C, inductive load
switched off
-mJ
Rthja
4)
-K/W
RthjL
6)
4K/W


유사한 부품 번호 - SB15100S

제조업체부품명데이터시트상세설명
logo
Semikron International
SB15100 SEMIKRON-SB15100 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB15100 MCC-SB15100 Datasheet
485Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB15100 LRC-SB15100 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Micro Commercial Compon...
SB15100 MCC-SB15100 Datasheet
310Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Gulf Semiconductor
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
More results

유사한 설명 - SB15100S

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
BYV143F PHILIPS-BYV143F Datasheet
33Kb / 5P
   Rectifier diodes schottky barrier
August 1996 Rev 1.100
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com