전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK6877 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 STK6877
상세설명  Reversible Brush-Type DC Motor Driver (output current: 8A)?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK6877 데이터시트(HTML) 7 Page - Sanyo Semicon Device

  STK6877 Datasheet HTML 1Page - Sanyo Semicon Device STK6877 Datasheet HTML 2Page - Sanyo Semicon Device STK6877 Datasheet HTML 3Page - Sanyo Semicon Device STK6877 Datasheet HTML 4Page - Sanyo Semicon Device STK6877 Datasheet HTML 5Page - Sanyo Semicon Device STK6877 Datasheet HTML 6Page - Sanyo Semicon Device STK6877 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image


유사한 부품 번호 - STK6877

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK6875 SANYO-STK6875 Datasheet
189Kb / 7P
   Bidirectional DC Brush-Type Motor Driver (Io max = 5A)?
More results

유사한 설명 - STK6877

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK6855 SANYO-STK6855 Datasheet
188Kb / 7P
   Reversible Brush-Type DC Motor Driver (output current 5A)
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Sanyo Semicon Device
STK681-050 SANYO-STK681-050 Datasheet
99Kb / 5P
   Bidirectional DC Brush-Type Motor Driver (Io=5A)
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
   Low voltage brush DC motor driver
November 2016 Rev 2
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
   36V 2ch DC Brush Motor Driver
logo
New Japan Radio
NJM2624A NJRC-NJM2624A Datasheet
134Kb / 8P
   BRUSH LESS DC MOTOR PRE-DRIVER
logo
Sanyo Semicon Device
STK6875 SANYO-STK6875 Datasheet
189Kb / 7P
   Bidirectional DC Brush-Type Motor Driver (Io max = 5A)?
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com