전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK740-420 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 STK740-420
상세설명  5V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-420 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  STK740-420 Datasheet HTML 1Page - Sanyo Semicon Device STK740-420 Datasheet HTML 2Page - Sanyo Semicon Device STK740-420 Datasheet HTML 3Page - Sanyo Semicon Device STK740-420 Datasheet HTML 4Page - Sanyo Semicon Device STK740-420 Datasheet HTML 5Page - Sanyo Semicon Device STK740-420 Datasheet HTML 6Page - Sanyo Semicon Device STK740-420 Datasheet HTML 7Page - Sanyo Semicon Device STK740-420 Datasheet HTML 8Page - Sanyo Semicon Device STK740-420 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STK740-470
No.6107–2/10
Electrical Characteristics at Tc = 25˚C, in the specified circuit, VIN = 12V, IO = 1A, unless othrwise specified
Specifications
Maximum Ratings at Ta = 25˚C, Tc = 25˚C, unless otherwise specified.
˚C
˚C
Recommended Operating Conditions at Ta = 25˚C
Series Construction
This product is listed in a product series due to its property such as output voltage, output current, package, and other
similar items. Since some prducts listed in the table below is under development, please refer to your Sanyo sales
representative for details.
Type number
Input voltage
4 to 8V
4 to 8V
4 to 8V
8 to 18V
2.5V
2.5V
3.3V
5.0V
Output voltage Output current
Package dimensions
(output pins not included)
STK740-411
STK740-420
STK740-441
STK740-450
STK740-471
STK740-470
STK740-480
STK740-490
26
× 37 × 4.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
26
× 37 × 4.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
26
× 37 × 4.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
5A
10A
5A
10A
5A
5A
10A
15A
˚C
˚C
mV/˚C
Tc=+25 to +85˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
r
u
t
a
r
e
p
m
e
t
e
t
a
r
t
s
b
u
s
C
I
g
n
i
t
a
r
e
p
Ox
a
m
c
T
5
0
1
+
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
8
+
o
t
0
1
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
5
1
1
+
o
t
0
3
e
g
a
t
l
o
v
t
u
p
n
i
C
DV N
I
x
a
m2
1
d
n
a
,
1
1
,
6
s
n
i
P
0
2V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
r
u
t
a
r
e
p
m
e
t
e
t
a
r
t
s
b
u
s
C
I
g
n
i
t
a
r
e
p
Oc
T
5
8
+
o
t
0
e
g
a
t
l
o
v
t
u
p
n
i
C
DV N
I
t
i
u
c
r
i
c
d
e
d
n
e
m
m
o
c
e
r
e
h
t
n
I
6
1
o
t
8V
t
n
e
r
r
u
c
d
a
o
Lo
It
i
u
c
r
i
c
d
e
d
n
e
m
m
o
c
e
r
e
h
t
n
I
5
o
t
1A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
v
t
u
p
t
u
Oo
V9
.
40
.
51
.
5V
n
o
i
t
a
l
u
g
e
r
e
n
i
L
∆ L
V
V N
I
V
6
1
o
t
V
8
=–
0
0
1–
V
m
n
o
i
t
a
l
u
g
e
r
d
a
o
L
∆ O
V
A
5
o
t
A
1
=
o
I–
0
0
1–
V
m
y
c
n
e
i
c
i
f
f
E
η
A
5
.
2
=
o
I–
0
9–
%
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
Oc
s
o
f5
40
55
5z
H
k
t
n
e
r
r
u
c
f
f
o
t
u
CI
T
U
C
e
d
o
m
h
c
t
a
l
,
n
i
p
6–
6
.
1–
A
m
t
i
u
c
r
i
c
f
f
o
/
n
Of
f
o
Vn
i
p
1–
2
2
.
02
3
.
0V
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
t
e
g
a
t
l
o
v
t
u
p
t
u
OT
O
V
C
–7
.
1
±–
* : Under planning


유사한 부품 번호 - STK740-420

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK740-420 SANYO-STK740-420 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
More results

유사한 설명 - STK740-420

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com