전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ30AH 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BUZ30AH
상세설명  SIPMOS Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ30AH 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BUZ30AH Datasheet HTML 1Page - Infineon Technologies AG BUZ30AH Datasheet HTML 2Page - Infineon Technologies AG BUZ30AH Datasheet HTML 3Page - Infineon Technologies AG BUZ30AH Datasheet HTML 4Page - Infineon Technologies AG BUZ30AH Datasheet HTML 5Page - Infineon Technologies AG BUZ30AH Datasheet HTML 6Page - Infineon Technologies AG BUZ30AH Datasheet HTML 7Page - Infineon Technologies AG BUZ30AH Datasheet HTML 8Page - Infineon Technologies AG BUZ30AH Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BUZ 30A H
Rev. 2.5
Page 4
2010-07-02
Electrical Characteristics, at
Tj = 25˚C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 ˚C
IS
-
-
21
A
Inverse diode direct current,pulsed
TC = 25 ˚C
ISM
-
-
84
Inverse diode forward voltage
VGS = 0 V, IF = 42 A
VSD
-
1.2
1.6
V
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/µs
trr
-
180
-
ns
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
1.2
-
µC


유사한 부품 번호 - BUZ30AH

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUZ30AH ISC-BUZ30AH Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ30AH3045A INFINEON-BUZ30AH3045A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev.2.2 2010-07-02
More results

유사한 설명 - BUZ30AH

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com