전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS843_SOT-23 데이터시트(PDF) 1 Page - Micross Components

부품명 LS843_SOT-23
상세설명  MONOLITHIC DUAL N-CHANNEL JFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

LS843_SOT-23 데이터시트(HTML) 1 Page - Micross Components

  LS843_SOT-23 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOW DRIFT 
| V GS1‐2 / T| ≤5µV/°C 
LOW LEAKAGE 
IG = 15pA TYP. 
LOW NOISE 
e= 3nV/√Hz TYP. 
LOW OFFSET VOLTAGE 
| V GS1‐2| ≤1mV 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature 
+150°C 
Maximum Voltage and Current for Each Transistor – Note 1 
‐VGSS 
Gate Voltage to Drain or Source 
60V 
‐VDSO 
Drain to Source Voltage 
60V 
‐IG(f) 
Gate Forward Current 
50mA 
Maximum Power Dissipation 
Device Dissipation @ Free Air – Total                 400mW @ +125°C 
 
MATCHING CHARACTERISTICS @ 25°C UNLESS OTHERWISE NOTED
SYMBOL 
CHARACTERISTICS 
VALUE 
UNITS 
CONDITIONS 
| V GS1‐2 / T| max. 
DRIFT VS. 
TEMPERATURE 
µV/°C 
VDG=10V, ID=500µA 
TA=‐55°C to +125°C 
| V GS1‐2 | max. 
OFFSET VOLTAGE 
mV 
VDG=10V, ID=500µA 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Breakdown Voltage 
60 
‐‐ 
‐‐ 
VDS = 0                  ID=1nA 
BVGGO 
Gate‐To‐Gate Breakdown 
60 
‐‐ 
‐‐ 
      I G= 1nA               ID= 0               IS= 0 
 
YfSS 
TRANSCONDUCTANCE 
Full Conduction 
 
1500 
 
‐‐ 
 
‐‐ 
 
µmho 
 
VDG= 15V         VGS= 0V      f = 1kHz 
YfS 
Typical Operation 
1000 
1500 
‐‐ 
µmho 
     VDG= 15V         ID= 500µA     
|YFS1‐2 / Y FS| 
Mismatch 
‐‐ 
0.6 
%  
 
IDSS 
DRAIN CURRENT 
Full Conduction 
 
1.5 
 
 
15 
 
mA 
 
VDG= 15V              VGS= 0V 
|IDSS1‐2 / IDSS| 
Mismatch at Full Conduction 
‐‐ 
%  
 
VGS(off) or Vp 
GATE VOLTAGE 
Pinchoff voltage 
 
 
‐‐ 
 
3.5 
 
 
VDS= 15V               ID= 1nA 
VGS(on) 
Operating Range 
0.5 
‐‐ 
3.5 
              VDS=15V                 ID=500µA 
 
‐IGmax. 
GATE CURRENT 
Operating 
 
‐‐ 
 
15 
 
50 
 
pA 
 
VDG= 15V ID= 500µA 
‐IGmax. 
High Temperature 
‐‐ 
‐‐ 
50 
nA 
TA= +125°C
 
‐IGmax. 
Reduced VDG 
‐‐ 
30 
pA 
VDG = 3V ID= 500µA 
‐IGSSmax. 
At Full Conduction 
‐‐ 
‐‐ 
100 
pA 
VDG= 15V , VDS =0 
 
YOSS 
OUTPUT CONDUCTANCE 
Full Conduction 
 
‐‐ 
 
‐‐ 
 
20 
 
µmho 
 
VDG= 15V              VGS= 0V 
YOS 
Operating 
‐‐ 
0.2 
µmho 
VDG=  15V            ID= 500µA 
|YOS1‐2
Differential 
‐‐ 
0.02 
0.2 
µmho 
 
CMR 
COMMON MODE REJECTION 
‐20 log | V GS1‐2/ V DS
 
90 
 
110 
 
‐‐ 
 
dB 
 
∆VDS = 10 to 20V        ID=500µA 
‐20 log | V GS1‐2/ V DS
‐‐ 
85 
‐‐ 
∆VDS = 5 to 10V        ID=500µA 
 
NF 
NOISE 
Figure 
 
‐‐ 
 
‐‐ 
 
0.5 
 
dB 
VDS= 15V      VGS= 0V       RG= 10MΩ 
f= 100Hz           NBW= 6Hz 
en 
Voltage 
‐‐ 
‐‐ 
nV/√Hz 
VDS=15V   ID=500µA  f=1KHz NBW=1Hz 
‐‐ 
‐‐ 
11 
VDS=15V   ID=500µA  f=10Hz NBW=1Hz 
 
CISS 
CAPACITANCE 
Input 
 
‐‐ 
 
‐‐ 
 
 
 
pF 
 
 
VDS= 15V,   ID=500µA   
 
VDG= 15V,   ID=500µA   
CRSS 
Reverse Transfer 
‐‐ 
‐‐ 
CDD 
Drain‐to‐Drain 
‐‐ 
0.5 
‐‐ 
LS843
MONOLITHIC DUAL
N-CHANNEL JFET
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
LS843 Applications:
Wideband Differential Amps
High-Speed,Temp-Compensated Single-
Ended Input Amps
High-Speed Comparators
Impedance Converters and vibrations
detectors.
The LS843 is a high-performance monolithic dual
JFET featuring extremely low noise, tight offset voltage
and low drift over temperature specifications, and is
targeted for use in a wide range of precision
instrumentation applications. The LS843 features a 1-
mV offset and 5-µV/°C drift.
The 6 Pin SOT-23 package provides ease of
manufacturing, and a lower cost assembly option.
(See Packaging Information).
Available Packages:
LS843 / LS843 in SOT-23
LS843 / LS843 available as bare die
Please contact Micross for full package and die dimensions
Note 1 – These ratings are limiting values above which the serviceability of any semiconductor may be impaired
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution


유사한 부품 번호 - LS843_SOT-23

제조업체부품명데이터시트상세설명
logo
Micross Components
LS843_SOIC MICROSS-LS843_SOIC Datasheet
284Kb / 1P
   Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
More results

유사한 설명 - LS843_SOT-23

제조업체부품명데이터시트상세설명
logo
Micross Components
LS840_PDIP MICROSS-LS840_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS841_PDIP MICROSS-LS841_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS842_TO-78 MICROSS-LS842_TO-78 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_PDIP MICROSS-LS833_PDIP Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS833_TO-71 MICROSS-LS833_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_SOIC MICROSS-LS840_SOIC Datasheet
283Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS840_TO-71 MICROSS-LS840_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS844_TO-71 MICROSS-LS844_TO-71 Datasheet
285Kb / 1P
   MONOLITHIC DUAL N-CHANNEL JFET
LS3954_SOT-23 MICROSS-LS3954_SOT-23 Datasheet
280Kb / 1P
   Monolithic Dual N-Channel JFET
LS3956_TO-71 MICROSS-LS3956_TO-71 Datasheet
295Kb / 1P
   Monolithic Dual N-Channel JFET
LS3956_TO-78 MICROSS-LS3956_TO-78 Datasheet
295Kb / 1P
   Monolithic Dual N-Channel JFET
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com