전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5221B-LCC3 데이터시트(PDF) 1 Page - Seme LAB

부품명 1N5221B-LCC3
상세설명  ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5221B-LCC3 데이터시트(HTML) 1 Page - Seme LAB

  1N5221B-LCC3 Datasheet HTML 1Page - Seme LAB 1N5221B-LCC3 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Max Zener Impedance
Max Reverse Leakage Current
Max Zener Voltage
Temp. Coeff
– 0.085
– 0.085
– 0.080
– 0.080
– 0.075
– 0.070
– 0.065
– 0.060
± 0.055
± 0.030
± 0.030
+ 0.038
+ 0.038
+ 0.045
+ 0.050
Prelim. 1/99
1N5221B-LCC3
TOB-LCC
1N5281B-LCC3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ZENER VOLTAGE REGULATOR
DIODE IN HERMETIC CERAMIC
SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY
APPLICATIONS
Tcase
Operating temperature Range
Tstg
Storage Temperature Range
PTOT
Power Dissipation TA = 25°C
RTH
J-A
Thermal resistance (Junction to Ambient)
-55 to +175°C
-65 to +175°C
500mW
300°C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS @ 25°C
FEATURES
• Military Screening Options available
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
1 = CATHODE
2 = N/C
3 = N/C
4 = ANODE
Nominal
Zener Voltage
Vz @ IZT
Volts
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
ZZT @ IZT
Ohms
30
30
30
30
29
28
24
23
22
19
17
11
7.0
7.0
5.0
ZZK @ IZK = 0.25mA
Ohms
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
IR
mmmmA
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
VR Volts
B, C & D
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
@
A
0.95
0.95
0.95
0.95
0.95
0.95
0.95
0.95
0.95
1.9
1.9
2.9
3.3
3.8
4.8
Test
Current
IZT
mA
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
Part No.
1N5221
1N5222
1N5223
1N5224
1N5225
1N5226
1N5227
1N5228
1N5229
1N5230
1N5231
1N5232
1N5233
1N5234
1N5235


유사한 부품 번호 - 1N5221B-LCC3

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N5221B-A DIODES-1N5221B-A Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
logo
Diodes Incorporated
1N5221B-T DIODES-1N5221B-T Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Vishay Siliconix
1N5221B-TAP VISHAY-1N5221B-TAP Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

유사한 설명 - 1N5221B-LCC3

제조업체부품명데이터시트상세설명
logo
Seme LAB
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM_02 Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1N5711CSM SEME-LAB-1N5711CSM Datasheet
12Kb / 1P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML17GB15U2C SEME-LAB-SML17GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML11GB15U2C SEME-LAB-SML11GB15U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
SML09GB22U2C SEME-LAB-SML09GB22U2C Datasheet
71Kb / 2P
   COMMON CATHODE SCHOTTKY DIODES IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com