전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF1681 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc

부품명 SST39VF1681
상세설명  16 Mbit (x8) Multi-Purpose Flash Plus Active Current: 9 mA (typical)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF1681 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF1681 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF1681 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
©2011 Silicon Storage Technology, Inc.
DS25040A
05/11
4
16 Mbit Multi-Purpose Flash Plus
SST39VF1681 / SST39VF1682
Data Sheet
A Microchip Technology Company
Figure 3: Pin Assignments for 48-lead TSOP
Table 1: Pin Description
Symbol
Pin Name
Functions
AMS1-A0
1. AMS = Most significant address
AMS =A20 for SST39VF1681/1682
Address Inputs
To provide memory addresses.
During Sector-Erase AMS-A12 address lines will select the sector.
During Block-Erase AMS-A16 address lines will select the block.
DQ7-DQ0
Data Input/output To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
WP#
Write Protect
To protect the top/bottom boot block from Erase/Program operation when
grounded.
RST#
Reset
To reset and return the device to Read mode.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
NC
No Connection
Unconnected pins.
T1.1 25040
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A17
NC
VSS
A0
DQ7
NC
DQ6
NC
DQ5
NC
DQ4
VDD
NC
DQ3
NC
DQ2
NC
DQ1
NC
DQ0
OE#
VSS
CE#
A1
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1243 48-tsop P2.0
Standard Pinout
Top View
Die Up
A16
A15
A14
A13
A12
A11
A10
A9
A20
NC
WE#
RST#
NC
WP#
NC
A19
A18
A8
A7
A6
A5
A4
A3
A2


유사한 부품 번호 - SST39VF1681

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1681-70-4C-B3K SST-SST39VF1681-70-4C-B3K Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1681-70-4C-B3KE SST-SST39VF1681-70-4C-B3KE Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1681-70-4C-EK SST-SST39VF1681-70-4C-EK Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF1681-70-4C-EKE SST-SST39VF1681-70-4C-EKE Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
More results

유사한 설명 - SST39VF1681

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39VF3201C SST-SST39VF3201C Datasheet
363Kb / 37P
   32 Mbit (x16) Multi-Purpose Flash Plus Active Current: 6 mA
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com