전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSR4045CTM 데이터시트(PDF) 1 Page - Solid States Devices, Inc

부품명 SSR4045CTM
상세설명  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR4045CTM 데이터시트(HTML) 1 Page - Solid States Devices, Inc

  SSR4045CTM_1 Datasheet HTML 1Page - Solid States Devices, Inc SSR4045CTM_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0031E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR4045 CT M __ TX
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
└ Lead Bend:
__
= Straight
UB = Up Bend
DB = Down Bend
└ Package:
M
= TO-254
Z
= TO-254Z
└ Configuration:
CT = Common Cathode
CA = Common Anode
D
= Doubler
SSR4045CTM
SSR4045CTZ
40 AMP, 45 VOLTS
POSITIVE CENTERTAP
SCHOTTKY RECTIFIER
FEATURES:
• Low Forward Voltage Drop
• Low Reverse Leakage
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Power Package
• Available in Glass or Ceramic Seal Packages
• Eutectic Die Attach
• 175°C Operating Temperature
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse and DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC=55
°C) 3/
IO
40
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25
°C) 3/
IFSM
600
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
Junction to Case
4/
Junction to Case
5/
RθJC
1.0
2.0
°C/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening per MIL-PRF-19500
3/ Both legs tied together. For doubler configuration, value shall be half of
the value shown, tested per leg
4/ Both legs tied together. For doubler configuration, both dies tested in series
5/ Per leg
TO-254
TO-254Z


유사한 부품 번호 - SSR4045CTM_1

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SSR4045CTM SSDI-SSR4045CTM Datasheet
55Kb / 2P
   40 AMP 45VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

유사한 설명 - SSR4045CTM_1

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
RS0061 SSDI-RS0061_15 Datasheet
38Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025_15 Datasheet
47Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0033 SSDI-RS0033_15 Datasheet
229Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0061 SSDI-RS0061 Datasheet
38Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0025 SSDI-RS0025 Datasheet
47Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0067E SSDI-RS0067E_15 Datasheet
115Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0163 SSDI-RS0163_15 Datasheet
215Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR2060CTM SSDI-SSR2060CTM_1 Datasheet
180Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0275 SSDI-RS0275_15 Datasheet
180Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SH0060A SSDI-SH0060A_15 Datasheet
115Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
RS0071 SSDI-RS0071 Datasheet
154Kb / 2P
   POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com