전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2920DCSM 데이터시트(PDF) 2 Page - Seme LAB

부품명 2N2920DCSM
상세설명  DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2920DCSM 데이터시트(HTML) 2 Page - Seme LAB

  2N2920DCSM Datasheet HTML 1Page - Seme LAB 2N2920DCSM Datasheet HTML 2Page - Seme LAB 2N2920DCSM Datasheet HTML 3Page - Seme LAB 2N2920DCSM Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N2920DCSM
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim.4/98
Parameter
Test Conditions 1
Min.
Typ.
Max.
Unit
V
nA
µA
nA
V
V
k
µmho
pF
60
60
5
10
10
20
100
150
450
75
150
450
150
450
125
–0.7
–0.7
–0.8
–0.2
–0.25
330
150
600
25 x 10-4
560
1
15
4
8
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
VBE
Base – Emitter Voltage
VCE(sat)
Collector – Emitter Saturation Voltage
hie
Small Signal Common – Emitter
Input Impedance
hfe
Small Signal Common – Emitter
Current Gain
hre
Small Signal Common – Emitter
Reverse Voltage Gain
hoe
Small Signal Common – Emitter
Output Admittance
|hfe|
Small Signal Common – Emitter
Current Gain
Cobo
Common – Base Open Circuit
Output Capacitance
Cibo
Common – Base Open Circuit
Input Capacitance
IC = –10µAIE = 0
IC = –10mA
IB = 0
IE = –10µAIC = 0
VCB = –50V
IE = 0
TA = 150°C
VEB = –4V
IC = 0
IC = 10µAVCE = 5V
IC = –100µAVCE = 5V
TA = –55°C
IC = –500µAVCE = –5V
IC = –1mA
VCE = –5V
IC = –10mA
VCE = –5V *
IC = –100µAVCE = –5V
IB = –10µAIC = –100µA
IB = –100µAIC = –1mA
IB = –10µAIC = –100µA
IB = –100µAIC = –1mA
VCE = –10V
IC = –1mA
f = 1kHz
VCE = –5V
IC = –500µA
f = 30MHz
VCE = –5V
IC = –1mA
f = 100MHz
VCB = –5V
IE = 0
f = 100kHz
VEB = –0.5V
IC = 0
f = 100kHz
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
NOTES
* Pulse Test: tp = 300µs, δ≤ 2%.
1) Terminals not under test are open circuited under all test conditions.
INDIVIDUAL TRANSISTOR CHARACTERISTICS


유사한 부품 번호 - 2N2920DCSM

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2920DCSM SEME-LAB-2N2920DCSM Datasheet
29Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

유사한 설명 - 2N2920DCSM

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
   DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2916DCSM SEME-LAB-2N2916DCSM Datasheet
47Kb / 2P
   DUAL NPN PLANAR TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019DCSM SEME-LAB-2N3019DCSM Datasheet
20Kb / 2P
   DUAL HIGH FREQUENCY NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3810DCSM SEME-LAB-2N3810DCSM Datasheet
30Kb / 4P
   DUAL HIGH GAIN PNP TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
HCT700 SEME-LAB-HCT700 Datasheet
19Kb / 2P
   COMPLEMENTARY SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BSX64SMD05 SEME-LAB-BSX64SMD05 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
   PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com