전자부품 데이터시트 검색엔진 |
|
TP89JGS2LATR 데이터시트(PDF) 3 Page - GREATECS |
|
TP89JGS2LATR 데이터시트(HTML) 3 Page - GREATECS |
3 / 3 page Tactile Switches 5x5mm SMT Halogen-Free Tactile Switches TP89 Series sales@greatecs.com www.greatecs.com 3 Temperature Profile: Temperature Room 150° MAX 260° 60sec 120~150sec TIME(sec) 255° 230° 5~10sec General Tolerance ±0.1mm SOLDERING PROCESS > Hand Soldering: Use a soldering iron of 30 watts, controlled at 350°C approximately Max 5 seconds while applying solder. > Vapor phase & reflow soldering: Tape & Reel Packaging: Gull Wing Terminals: J Bend Terminals: TP89SG...3... TP89SG...2... General Tolerance ±0.1mm TP89JG...3... TP89JG...2... |
유사한 부품 번호 - TP89JGS2LATR |
|
유사한 설명 - TP89JGS2LATR |