전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD624 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD624
상세설명  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD624 데이터시트(HTML) 5 Page - Analog Devices

  AD624 Datasheet HTML 1Page - Analog Devices AD624 Datasheet HTML 2Page - Analog Devices AD624 Datasheet HTML 3Page - Analog Devices AD624 Datasheet HTML 4Page - Analog Devices AD624 Datasheet HTML 5Page - Analog Devices AD624 Datasheet HTML 6Page - Analog Devices AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Technical Data
AD8426
Rev. PrD | Page 5 of 20
Test Conditions/
Comments
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
RL = 10 kΩ to Ground
TA = +25°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
TA = +125°C
−VS + 0.3
+VS − 0.3
−VS + 0.3
+VS − 0.3
V
TA = −40°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
RL = 100 kΩ to Ground
TA = −40°C to +125°C
−VS + 0.1
+VS − 0.1
−VS + 0.1
+VS − 0.1
V
Short-Circuit Current
13
13
mA
POWER SUPPLY
Operating Range
Dual-supply operation
±1.35
±18
±1.35
±18
V
Quiescent Current
(Per Amplifier)
TA = +25°C
350
425
350
425
μA
TA = −40°C
250
325
250
325
μA
TA = +85°C
450
525
450
525
μA
TA = +125°C
525
600
525
600
μA
TEMPERATURE RANGE
−40
+125
−40
+125
°C
1 The input stage uses pnp transistors; therefore, input bias current always flows into the part.
2 The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
3 Input voltage range of the AD8426 input stage. The input range depends on the common-mode voltage, the differential voltage, the gain, and the reference voltage.
See the Input Voltage Range section for more information.
SINGLE-SUPPLY OPERATION
+VS = 2.7 V, −VS = 0 V, VREF = 0 V, TA = 25°C, G = 1, RL = 10 kΩ, specifications referred to input, unless otherwise noted.
Table 3.
Test Conditions/
Comments
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION
RATIO (CMRR)
VCM = 0 V to 1.7 V
CMRR, DC to 60 Hz
G = 1
80
86
dB
G = 10
100
105
dB
G = 100
105
110
dB
G = 1000
105
110
dB
CMRR at 5 kHz
G = 1
80
80
dB
G = 10
90
90
dB
G = 100
90
90
dB
G = 1000
100
100
dB
NOISE
Total noise:
eN = √(eNI2 + (eNO/G)2)
Voltage Noise
f = 1 kHz
Input Voltage Noise, eNI
22
24
22
24
nV/√Hz
Output Voltage Noise, eNO
120
125
120
125
nV/√Hz
RTI Noise
f = 0.1 Hz to 10 Hz
G = 1
2
2
μV p-p
G = 10
0.5
0.5
μV p-p
G = 100 to 1000
0.4
0.4
μV p-p
Current Noise
f = 1 kHz
100
100
fA/√Hz
f = 0.1 Hz to 10 Hz
3
3
pA p-p
VOLTAGE OFFSET
Total offset voltage:
VOS = VOSI + (VOSO/G)
Input Offset, VOSI
300
150
μV


유사한 부품 번호 - AD624

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
AD624 AD-AD624 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD624 AD-AD624 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD624 AD-AD624 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD624 AD-AD624 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
More results

유사한 설명 - AD624

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com