전자부품 데이터시트 검색엔진 |
|
TS9001-2IJ5 데이터시트(PDF) 5 Page - Touchstone Semiconductor Inc |
|
TS9001-2IJ5 데이터시트(HTML) 5 Page - Touchstone Semiconductor Inc |
5 / 8 page TS9001 TS9001DS r1p0 Page 5 RTFDS Output Stage Circuitry Many conventional analog comparators can draw orders of magnitude higher supply current when switching. Because of this behavior, additional power supply bypass capacitance may be required to provide additional charge storage during switching. The design of the TS9001-1’s rail-to-rail output stage implements a technique that virtually eliminates supply-current surges when output transitions occur. The supply-current change as a function of output transition frequency exhibited by these analog comparators is very small. Material benefits of this attribute to battery-power applications are the increase in operating time and in reducing the size of power-supply filter capacitors. Internal Voltage Reference The TS9001-1/2’s internal +1.252V voltage reference exhibits a typical temperature coefficient of 40ppm/°C over the full -40°C to +85°C temperature range. An equivalent circuit for the reference section is illustrated in Figure 1. Since the output impedance of the voltage reference Is typically 200kΩ, its output can be bypassed with a low-leakage capacitor and is stable for any capacitive load. An external buffer – such as the TS1001 – can be used to buffer the voltage reference output for higher output current drive or to reduce reference output impedance. APPLICATIONS INFORMATION Low-Voltage, Low-Power Operation Because they were designed specifically for low- power, battery-operated applications, the TS9001- 1/2 comparators are an excellent choice. Under nominal conditions, approximate operating times for this analog comparator family is illustrated in Table 1 for a number of battery types and their corresponding charge capacities. Internal Hysteresis As a result of circuit noise or unintended parasitic feedback, many analog comparators often break into oscillation within their linear region of operation especially when the applied differential input voltage approaches 0V (zero volt). Externally-introduced hysteresis is a well-established technique to stabilizing analog comparator behavior and requires external components. As shown in Figure 2, adding comparator hysteresis creates two trip points: VTHR (for the rising input voltage) and VTHF (for the falling input voltage). The hysteresis band (VHB) is defined as the voltage difference between the two trip points. When a comparator’s input voltages are equal, hysteresis effectively forces one comparator input to move quickly past the other input, moving the input Table 1: Battery Applications using the TS9001 BATTERY TYPE RECHARGEABLE VFRESH (V) VEND-OF-LIFE (V) CAPACITY, AA SIZE (mA-h) TS9001/TSM9003 OPERATING TIME (hrs) Alkaline (2 Cells) No 3.0 1.8 2000 2.5 x 10 6 Nickel-Cadmium (2 Cells) Yes 2.4 1.8 750 937,500 Lithium-Ion (1 Cell) Yes 3.5 2.7 1000 1.25 x 10 6 Nickel-Metal- Hydride (2 Cells) Yes 2.4 1.8 1000 1.25 x 10 6 Figure 1 : TS9001’s Internal VREF Output Equivalent Circuit |
유사한 부품 번호 - TS9001-2IJ5 |
|
유사한 설명 - TS9001-2IJ5 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |