전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1D 데이터시트(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

부품명 ES1D
상세설명  Surface Mount Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YENYO [YENYO TECHNOLOGY Co., Ltd]
홈페이지  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

ES1D 데이터시트(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  ES1D Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd ES1D Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ES1A THRU ES1J
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.6
0.4
0.2
0.8
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0
0
50
100
150
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
5
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
1
100
1.0
4.0
10
100
10
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
ES1A-ES1D
ES1G
ES1J
YENYO TECHNOLOGY CO., LTD.
2 / 2
R1, JUL-11


유사한 부품 번호 - ES1D

제조업체부품명데이터시트상세설명
logo
Diotech Company.
ES1D DIOTECH-ES1D Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SAMYANG ELECTRONICS CO....
ES1D SAMYANG-ES1D Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Pan Jit International I...
ES1D PANJIT-ES1D Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Tiger Electronic Co.,Lt...
ES1D TGS-ES1D Datasheet
362Kb / 2P
   SURFACE MOUNT DEVICES RECTIFIERS
More results

유사한 설명 - ES1D

제조업체부품명데이터시트상세설명
logo
Gaomi Xinghe Electronic...
ES2A GXELECTRONICS-ES2A Datasheet
1Mb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EFS1A YENYO-EFS1A Datasheet
663Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES2A YENYO-ES2A Datasheet
801Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS1AB YENYO-EFS1AB Datasheet
709Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3A YENYO-ES3A Datasheet
754Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
MUR140B YENYO-MUR140B Datasheet
786Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3AB YENYO-ES3AB Datasheet
673Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS3A YENYO-EFS3A Datasheet
756Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS2A YENYO-EFS2A Datasheet
665Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com