전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C15 데이터시트(PDF) 1 Page - Seme LAB

부품명 BZX55C15
상세설명  VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BZX55C15 데이터시트(HTML) 1 Page - Seme LAB

  BZX55C15 Datasheet HTML 1Page - Seme LAB BZX55C15 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX55C Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
PTOT
Power Dissipation
TMB = 25°C
Derate above 25°C
TOP
Maximum Operating Ambient Temperature
TSTG
Storage Temperature Range
TSOL
Soldering Temperature
(5 seconds max.)
RθJA
Thermal Resistance Junction to Ambient
RθJ–MB
Thermal Resistance Junction to Mounting Base
500mW
4mW/°C
–55 to +150°C
–65 to +175°C
260°C
336°C/W
140°C/W
MECHANICAL DATA
Dimensions in mm(inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
VOLTAGE REGULATOR
DIODE IN A
CERAMIC SURFACE MOUNT
PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• VOLTAGE RANGE 2.4 TO 75V
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS
Pad 1 – Anode
Pad 2 – N/C
Pad 3 – Cathode
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VZ
Zener Voltage
IR
Reverse Current
ZZ
Small Signal Breakdown Impedance
ZZ
Small Signal Breakdown Impedance
near breakdown knee
For VZ nom. ≤ 36V, IZ = 5mA
For VZ nom. ≥ 39V, IZ = 2.5mA
VR = VR test
VR = VR test
TAMB = 150°C
IZ = IZ test
For VZ nom. ≤ 36V, IZK = 1mA
For VZ nom. ≥ 39V, IZK = 0.5mA
VZ min. VZ nom. VZ max.
IR max.
IR max(2)
ZZ max.
ZK max.
V
µA
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
See table 1 for type variants and test parameters.
Underside View


유사한 부품 번호 - BZX55C15

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BZX55C15 CDIL-BZX55C15 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C15 VISHAY-BZX55C15 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C15 ZSELEC-BZX55C15 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Vishay Siliconix
BZX55C15 VISHAY-BZX55C15 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Shenzhen Luguang Electr...
BZX55C15 LUGUANG-BZX55C15 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C15

제조업체부품명데이터시트상세설명
logo
Seme LAB
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BZX79C SEME-LAB-BZX79C Datasheet
21Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
LM136CSM4-5V SEME-LAB-LM136CSM4-5V Datasheet
13Kb / 1P
   PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM_02 Datasheet
18Kb / 2P
   SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com