전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N486B 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N486B
상세설명  SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N486B 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N486B_08 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
SWITCHING DIODE
– METALLURGICALLY BONDED
– HERMETICALLY SEALED
– DOUBLE PLUG CONSTRUCTION
Qualified per MIL-PRF-19500/118
LDS-0030 Rev. 1 (072072)
Page 1 of 1
DEVICES
1N486B
QUALIFIED LEVELS
JAN
JANTX
JANTXV
MAXIMUM RATING AT 25°C
Operating Temperature:
Storage Temperature:
Surge Current, sine, 8.3mS:
Total Power Dissipation, 25°C:
Max. Operating Current, 25°C:
D.C. Reverse Voltage (VRWM):
-65°C to +175°C
-65°C to +175°C
2A
500mW
200mA
225V
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(°C)
IF
mA
Min
V
Max
V
Ambient
(°C)
V (dc)
Min
µA
Max
µA
25
100
0.8
1.0
25
225
-
0.025
-55
100
-
1.2
25
250
-
1.0
150
225
-
5.0
DESIGN DATA
Case: Hermetically sealed glass package per MIL-PRF-
19500/118 DO-35 outline
Lead Material: Copper clad steel
Lead Finish: Tin / Lead
Thermal Impedance (ZθJX): 70°C/W maximum
Polarity: Cathode end is banded
.140" - .180"
3.56mm – 4.57mm
1.00" - 1.50"
25.4mm – 38.1mm
.018" - .022"
.46mm - .56mm
.056" - .075"
1.42mm – 1.9mm


유사한 부품 번호 - 1N486B_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N486B FAIRCHILD-1N486B Datasheet
33Kb / 2P
   Small Signal Diode
logo
Compensated Deuices Inc...
1N486B CDI-DIODE-1N486B Datasheet
68Kb / 2P
   GENERAL PURPOSE SILICON DIODES
logo
Microsemi Corporation
1N486B MICROSEMI-1N486B Datasheet
57Kb / 1P
   High Conductance DO-35 Diodes
1N486B MICROSEMI-1N486B Datasheet
45Kb / 2P
   GENERAL PURPOSE SILICON DIODES
1N486B MICROSEMI-1N486B Datasheet
67Kb / 1P
   High Conductance DO-35 Diodes
More results

유사한 설명 - 1N486B_08

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com