전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N3168 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 1N3168
상세설명  HIGH RELIABILITY SILICON POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3168 데이터시트(HTML) 3 Page - Microsemi Corporation

  1N3168 Datasheet HTML 1Page - Microsemi Corporation 1N3168 Datasheet HTML 2Page - Microsemi Corporation 1N3168 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY SILICON POWER RECTIFIER
T4-LDS-0140 Rev. 1 (091750)
Page 3 of 3
PACKAGE DIMENSIONS
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
A
1.520
38.10
4
B
.530
.755
13.46
19.18
C
.063
.172
1.60
4.37
φD
1.100
27.94
φD1
.600
15.24
E
1.218
1.252
30.94
31.75
F
.250
.562
6.35
14.27
5
H
5.125
6.750
130.18
171.45
I1
.375
9.53
7
φM
.660
.745
16.76
18.92
2
M1
.125
3.18
6
N
.793
.828
20.14
21.03
Q
2.300
57.15
Q1
.375
9.53
6
φt
.265
.350
6.73
3.89
W
3
NOTES:
1.
Metric equivalents are given for general information only.
2.
Complete threads to extend to within 2.5 threads of seating
plane.
3.
.750-16 UNF-2A. Maximum pitch diameter of plated
threads shall be basic pitch diameter. .7094 (18.019 mm)
ref. (Screw Thread Standards for Federal Services) FED-
STD-H28.
4.
Angular orientation of terminal and tabulation with respect
to hex base is undefined. Square or radius on end of
terminal is undefined.
5.
A chamfer (or undercut) on one or both ends of hexagonal
portions is optional.
6.
Tabulation optional.
7.
Minimum flat.
8.
Flexible leads.
Physical dimensions for semiconductor devices


유사한 부품 번호 - 1N3168

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N3168 MICROSEMI-1N3168 Datasheet
127Kb / 2P
   SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
1N3168 NJSEMI-1N3168 Datasheet
115Kb / 1P
   Silicon Power Rectifier
logo
Microsemi Corporation
1N3168R MICROSEMI-1N3168R Datasheet
127Kb / 2P
   SILICON POWER RECTIFIER
More results

유사한 설명 - 1N3168

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N1184 MICROSEMI-1N1184_10 Datasheet
123Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3289 MICROSEMI-1N3289_10 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N1124A MICROSEMI-1N1124A_10 Datasheet
64Kb / 3P
   HIGH RELIABILITY POWER RECTIFIER
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
Microsemi Corporation
1N6391 MICROSEMI-1N6391_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N6392 MICROSEMI-1N6392_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
A190N ETC2-A190N Datasheet
538Kb / 6P
   High Power Silicon Rectifier
logo
Microsemi Corporation
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com