전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N3890R 데이터시트(PDF) 3 Page - Microsemi Corporation

부품명 1N3890R
상세설명  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3890R 데이터시트(HTML) 3 Page - Microsemi Corporation

  1N3890R Datasheet HTML 1Page - Microsemi Corporation 1N3890R Datasheet HTML 2Page - Microsemi Corporation 1N3890R Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
T4-LDS-0143 Rev. 1 (091809)
Page 3 of 3
PACKAGE DIMENSIONS
Physical dimensions of non-isolated types: (DO-4)
1N3890, 1N3890A, 1N3891, 1N3891A, 1N3893, 1N3893A, 1N3890R, 1N3890AR,
1N3891R, 1N3891AR, 1N3893R and 1N3893AR
Dimensions
Inches
Millimeters
Ltr
Min
Max
Min
Max
Notes
CD
0.250
6.35
3
CH
0.405
10.29
CH1
0.020
0.065
0.51
1.65
G
0.060
1.52
HF
0.424
0.437
10.77
11.10
HT
0.075
0.175
1.90
4.44
OAH
0.800
20.32
OM
0.163
0.189
4.14
4.80
SL
0.422
0.453
10.72
11.50
SP
5, 6, 7, 8
T
0.060
1.52
TD
0.424
10.77
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general information only.
3. Angular orientation of this terminal is undefined. Square or radius on
end of terminals is optional.
4. Diameter variations within these limits are permitted.
5. The ANSI thread reference is 0.190-32 UNF-2A
6. Max pitch diameter of plated threads shall be basic pitch diameter
0.169 inch (4.29 mm) reference FED-STD-H28 (Screw Thread
Standards for Federal Services).
7. Units must not be damaged by torque of 15 inch-pounds applied to
0.190-32 UNF-2B nut assembled on thread.
8. Complete threads to extend to within 0.078inch (1.98 mm) of the
seating plane.
9. Terminal-end shape is unrestricted
10. Reversed (anode to stud) units shall be marked with an “R” following
the last digit in the type number.
11. Forward polarity (cathode to stud) marking is shown.


유사한 부품 번호 - 1N3890R

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N3890R MICROSEMI-1N3890R Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
International Rectifier
1N3890R IRF-1N3890R Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3890R NJSEMI-1N3890R Datasheet
108Kb / 1P
   Fast Rectifier, 10A < I(O)/I(F) s 20A
logo
America Semiconductor, ...
1N3890R AMERICASEMI-1N3890R Datasheet
428Kb / 2P
   High Power- Fast Recovery Rectifiers
logo
GeneSiC Semiconductor, ...
1N3890R GENESIC-1N3890R Datasheet
756Kb / 3P
   Silicon Fast Recovery Diode
More results

유사한 설명 - 1N3890R

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com