전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4454UR-1 데이터시트(PDF) 2 Page - Microsemi Corporation

부품명 1N4454UR-1
상세설명  SEITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4454UR-1 데이터시트(HTML) 2 Page - Microsemi Corporation

  1N4454UR-1 Datasheet HTML 1Page - Microsemi Corporation 1N4454UR-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IN4454UR-1 and CDLL4454
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
1.2
1.3
VF - Forward Voltage (V)
FIGURE 2
Typical Forward Current
vs Forward Voltage
1000
100
10
1
0.1
20
40
60
80
100 120 140
Percent of Reverse Working Voltage (%)
FIGURE 3
Typical Reverse Current
vs Reverse Voltage
1000
100
10
1
0.1
.01
.001
150ºC
100ºC
25ºC
-65ºC
NOTE :
All temperatures shown on graphs are
junction temperatures


유사한 부품 번호 - 1N4454UR-1

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4454UR-1 CDI-DIODE-1N4454UR-1 Datasheet
32Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4454UR-1 MICROSEMI-1N4454UR-1 Datasheet
64Kb / 1P
   MINI-MELF-SMD Silicon Swithching Diode
1N4454UR-1 MICROSEMI-1N4454UR-1 Datasheet
86Kb / 1P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4454UR-1 MA-COM-1N4454UR-1 Datasheet
568Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
1N4454UR-1 MICROSEMI-1N4454UR-1_04 Datasheet
86Kb / 1P
   SWITCHING DIODE
More results

유사한 설명 - 1N4454UR-1

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
1SS400 AITSEMI-1SS400 Datasheet
540Kb / 5P
   SWITCHING DIODES HIGH SPEED SEITCHING
REV1.0
logo
Total Power Internation...
TPSPU80 TOTAL-POWER-TPSPU80 Datasheet
330Kb / 2P
   80W Desk Top Seitching Power Supplies For I.T.E.
TPSPU131 TOTAL-POWER-TPSPU131 Datasheet
251Kb / 2P
   130W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B TOTAL-POWER-TPSPU25B Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25C TOTAL-POWER-TPSPU25C Datasheet
360Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com