전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4493 데이터시트(PDF) 5 Page - Microsemi Corporation

부품명 1N4493
상세설명  VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4493 데이터시트(HTML) 5 Page - Microsemi Corporation

  1N4493 Datasheet HTML 1Page - Microsemi Corporation 1N4493 Datasheet HTML 2Page - Microsemi Corporation 1N4493 Datasheet HTML 3Page - Microsemi Corporation 1N4493 Datasheet HTML 4Page - Microsemi Corporation 1N4493 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0183 Rev. 1 (101686)
Page 5 of 5
PACKAGE DIMENSIONS
NOTE:
Dimensions
1.
Dimensions are in inches.
Ltr
Inches
Millimeters
Notes
2.
Millimeters are given for general information only.
Min
Max
Min
Max
3.
Package contour optional with BD and length BL. Heat
BL
.106
.160
2.69
4.06
3
slugs, if any, shall be included within this cylinder length but
BD
.060
.085
1.52
2.16
3
shall not be subject to minimum limit of BD.
LL
.800 1.300 20.32 33.02
4. The specified lead diameters apply in the zone between .050
LD
.028
.032
0.71
0.81
inch (1.27 mm) from the diode body and the end of the lead.
LU
.050
1.27
4
5.
In accordance with ASME Y14.5M, diameters are
equivalent to φx symbology.
FIGURE 1. Physical dimensions of nonsurface mount device (similar to DO-41)
NOTE:
Ltr
Dimensions
1.
Dimensions are in inches.
Inches
Millimeters
2.
Millimeters are given for general information only.
Min
Max
Min
Max
3.
In accordance with ASME Y14.5M, diameters are equivalent
BL
.168
.200
4.28
5.08
to φx symbology.
ECT
.019
.028
0.48
0.71
4.
Dimensions are pre-solder dip.
S
.003
0.08
BD
.091
.103
2.31
2.62
FIGURE 2. Physical dimensions of surface mount device, US(D5A).


유사한 부품 번호 - 1N4493

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4493 MICROSEMI-1N4493 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4493 SENSITRON-1N4493 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Central Semiconductor C...
1N4493 CENTRAL-1N4493 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4493 SEMTECH-1N4493 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4493 EIC-1N4493 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

유사한 설명 - 1N4493

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com