전자부품 데이터시트 검색엔진 |
|
PD-3512G 데이터시트(PDF) 10 Page - Microsemi Corporation |
|
PD-3512G 데이터시트(HTML) 10 Page - Microsemi Corporation |
10 / 19 page P Poow weerrD Dssiinnee 33550000G G SSeerriieess Copyright © 2009 Microsemi 10 Rev 1.1 27-Jul-09 Analog Mixed Signal Group 2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308 Note Due to the standard detection process performed on each PoE port, power will not be delivered (LED is off) to a PD. PDs that are not of the PoE- enabled type are not affected by this connection Table 2-1: Power Status Indications Indicator Color Main Power Status Remarks Off Internal power supply unit is unplugged. Internal power supply voltage is too low. All ports are disconnected. Main Green AC power input active Internal power supply voltage is within limits. Table 2-2: Port Status Indications Port LED Color Port Load Conditions Port Voltage Off Inactive load or unplugged port Power to the port is disconnected. No DC voltage present on port output lines. Green Active load is plugged in and complies with normal load conditions Continuous nominal DC voltage is present on the spare pairs. Green blinks once every second Overload or short circuit Power to the port is disconnected. No DC voltage is present on port output lines. Green blinks once every 0.5 second Valid load Total aggregated power exceeds pre-defined power budget (420W by default) Power to the port is not connected. No DC voltage is present on port output lines |
유사한 부품 번호 - PD-3512G |
|
유사한 설명 - PD-3512G |