전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UFT7260SM2 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 UFT7260SM2
상세설명  Ultrafast Recovery Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT7260SM2 데이터시트(HTML) 1 Page - Microsemi Corporation

  UFT7260SM2 Datasheet HTML 1Page - Microsemi Corporation UFT7260SM2 Datasheet HTML 2Page - Microsemi Corporation UFT7260SM2 Datasheet HTML 3Page - Microsemi Corporation UFT7260SM2 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Reverse Voltage
Repetitive Peak
Working Peak
Reverse Voltage
175°C Junction Temperature
T
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Average forward current per pkg
T
T
T
T
I
V
V
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
RRM, J = 125°C
8.3ms, half sine, J = 175°C
UFT70SM, 71SM & 72SM
Ultrafast Recovery Modules
Microsemi
Catalog Number
100V
150V
200V
300V
400V
500V
600V
800V
UFT7010SM
UFT7015SM _ _
UFT7020SM _ _ UFT7120SM
UFT7130SM _ _
UFT7140SM _ _
UFT7150SM _ _
UFT7250SM
UFT7260SM _ _
UFT7280SM _ _
800V
600V
500V
400V
300V
200V
150V
100V
Max reverse recovery time per leg
F(AV)
C
FSM
I
FM
rr
RM
RM
I
I
t
V
T
UFT70SM
UFT72SM
UFT71SM
70A
70A
70A
148°C
142°C
138°C
700A
600A
500A
.95V
1.20V
1.35V
50ns
60ns
75ns
3.0mA
25µA
Electrical Characteristics
FM = 35A: J = 25°C*
1/2A, 1A, 1/4A, J = 25°C
RRM, J = 25°C
Square Wave
Ultra Fast Recovery
RRM 100 to 800 Volts
V
Unique surface mount package
2 X 35 Amp current rating
F(AV)
35A
35A
35A
Square Wave
I
I
Case Temperature
Average forward current per leg
R = 10V, J = 25°C
CJ
Typical Junction capacitance
V
T
300pF
120pF
115pF
R0JC = 1.0°C/W
700V
UFT7270SM _ _
700V
6.35
5.84
.250
.230
K
FOR SM1, SM3, & SM5
TYP. PIN CONFIGURATION
B
D
TYP. PIN CONFIGURATION
Dia.
FOR SM2, SM4, & SM6
4.09
3.84
.161
.151
C
B
A3
A2
A1
D
B
SM5 & SM6
SM3 & SM4
SM1 & SM2
A3
A2
A1
F
1
2
3
L
1
2
3
E
N (2) PLCS.
J
H
C
G
3 PINS eq sp at .200
M
1
2
3
0.94
0.69
.037
.027
18.16
17.65
.715
.695
N
38.35
37.85
1.510
1.490
M
2.79
.110
18.16
17.65
.715
.695
1.040
1.020
26.42
26.12
Dim. Inches
L
K
J
H
G
F
E
1.195
1.180
30.35
29.97
Minimum Maximum Minimum Maximum Notes
Millimeter
D
3.04
2.79
2.54
.100
.120
.110
8.89
9.40
.350
.370
2.24
2.49
.088
.098
6.10
6.60
.240
.260
1.65
2.16
.065
.085
0.64
0.38
.025
.015
ROCS
0.3°C/W
Junction to case
Junction to case
ROJC
SM5-6
0.18
0.24
5.2
6.7
grams) typical
ounce (
grams) typical
ounce (
SM3-4
SM1-2
10 inch pounds maximum
Case to sink
-55°C to 175°C
Mounting Base Torque
Weight
0.3 ounce (8.4 grams) typical
0.5°C/W
1.0°C/W
OJC
R
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Typical thermal resistance (greased)
STG
J
T
T
Thermal and Mechanical Characteristics
Note: 1 Specify (1-6) to identify package desired
2 Specify C-Common Cathode, A-Common Anode, D-Doubler
1 2
2
1
1 2
-55°C to 175°C
Max thermal resistance per pkg
January, 2010 - Rev. 3
www.microsemi.com


유사한 부품 번호 - UFT7260SM2

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
UFT7260SM MICROSEMI-UFT7260SM Datasheet
228Kb / 4P
   ULTRA FAST RECOVERY MODULES
More results

유사한 설명 - UFT7260SM2

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
   Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
   Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com