전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7806 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SI7806
상세설명  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7806 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SI7806 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI7806 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Input Voltage
1
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
35
Absolute Maximum Ratings
W/
S
I7805~18
S
I7824
40
V
VIN
Thermal Resistance Junction-Cases
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 6
Description
The SI78XX series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed for a wide range of
applications. These applications include on-card regulation
for elimination of noise and distribution problems associated
with single-point regulation. Each of these regulators can
deliver up to 1A of output current. The internal current limiting
and thermal shutdown features of there trgulators make
them essentially immune to overload.
Features
*5V,6V,8V,9V,10V,12V,15V,18V,24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
*High Power Dissipation Capability
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
250
-0.6
1.8
_
_
_
_
_
0.5
40
2
uA
VN
_
80
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
4.85
V
RR
VIN=10V,IO=500mA,Tj=25
7.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7805 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=10V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
4.75
5
5.15
5.25
VO
(Line Regulation)
VO
(Load Regulation)
1
_
3
50
25
_
100
50
8V
VIN 12V,IO=500mA
5mA IO
1A,
7V
VIN 25V,IO=500mA,
IQ
IQ
mA
1.3
_
_
7V
VIN 25V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
8V
VIN 18V,f=120Hz,
Electrical Characteristics
C
o
VIN 20V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=10V,
Tj=25C
o
250mA IO 750mA,
VIN=10V,
Tj=25 C
o
VIN=10V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=10V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
≤ ≤
Io=1A,
C
o
Tj=25
TO-251
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Millimeter


유사한 부품 번호 - SI7806

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7806ADN VISHAY-SI7806ADN Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 29-Dec-08
SI7806ADN VISHAY-SI7806ADN Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7806ADN VISHAY-SI7806ADN_V01 Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7806BDN VISHAY-SI7806BDN Datasheet
107Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 08-May-06
SI7806BDN-T1-E3 VISHAY-SI7806BDN-T1-E3 Datasheet
107Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 08-May-06
More results

유사한 설명 - SI7806

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com