전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7912A 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SI7912A
상세설명  3-Terminal Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7912A 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SI7912A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7912A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Input Voltage
1
.5
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air (RθJA)
-35
SI7905A~18A
SI7924A
-40
Thermal Resistance Junction-Cases (RθJC)
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
Absolute Maximum Ratings
W/
V
VIN
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 5
Description
The SI79XXA series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed to complement Series
SI78XXA in a wide range of applications. These applications
include on-card regulation for elimination of noise and
distribution problems associated with single-point regulation.
Each of these regulators can deliver up to 1.5A of output
current. The internal current limiting and thermal shutdown
features of these regulators make them essentially immune
to overload. In addition to use as fixed-voltage regulators,
thesedevices can be used with external components to
obtain adjustable output voltage and current and also as the
power pass element in precision regulators.
Features
*-5V,-6V,-8V,-9V,-10V,-12V,-15V,-18V,-24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
Elektronische Bauelemente
SI79XXA
3-Terminal
Negative Voltage Regulator
Typical Application
SI79XXA
*High Power Dissipation Capability
TO-251
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Millimeter


유사한 부품 번호 - SI7912A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SI7912 SECOS-SI7912 Datasheet
470Kb / 5P
   3-Terminal Negative Voltage Regulator
More results

유사한 설명 - SI7912A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com