전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7915A 데이터시트(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

부품명 SI7915A
상세설명  3-Terminal Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7915A 데이터시트(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SI7915A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7915A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7915A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7915A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7915A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
-Jun-2002 Rev. A
Page 5 of 5
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SI79XXA
3-Terminal
Negative Voltage Regulator
S
I7924A (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=-33V, Cin=2
F, Co=1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-23.28
-24.0
-24.72
VO
B-Rank (5%)
-22.80
-
-25.20
V
Vin=-33V, Io=500mA, Tj=25 :
-27V Vin -38V, 5mA Io 1A, PD 15W
-
5
480
-27V Vin -38V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
3
240
mV
-30V Vin -36V, Io=500mA, Tj=25 :
-
85
480
Vin=-33V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
25
240
mV
Vin=-33V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin=-33V, Io=500mA, Tj=25 :
-
-
0.5
Vin=-33V, 5mA Io 1A
I
Q
-
-
1.0
mA
-27V Vin -38V, Io=500mA
Vn
-
600
-
V
10Hz f 100KHz, Tj=25 :
RR
54
-
-
dB
-28V Vin -38V, f=120Hz, Tj=25 :
VD
-
1.1
-
V
I
o=1A, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :


유사한 부품 번호 - SI7915A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SI7915 SECOS-SI7915 Datasheet
470Kb / 5P
   3-Terminal Negative Voltage Regulator
More results

유사한 설명 - SI7915A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com