전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM260FL 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM260FL
상세설명  Voltage 20 ~ 100 V 2.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM260FL 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM260FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM260FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM220FL ~ SM2100FL
Voltage 20 ~ 100 V
2.0 Amp Schottky Barrier Rectifiers
Elektronische Bauelemente
16-May-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


유사한 부품 번호 - SM260FL

제조업체부품명데이터시트상세설명
logo
Dc Components
SM260 DCCOM-SM260 Datasheet
420Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
StarHope
SM260 SPSEMI-SM260 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Nanjing International G...
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Sinopower Semiconductor...
SM2601PSC SINOPWER-SM2601PSC Datasheet
168Kb / 11P
   P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - SM260FL

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
MBR10100 SECOS-MBR10100 Datasheet
137Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F Datasheet
223Kb / 2P
   Voltage 100 V 20.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100_11 Datasheet
257Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR30100F SECOS-MBR30100F Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR10100 SECOS-SBR10100 Datasheet
170Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
MBR10100F SECOS-MBR10100F Datasheet
216Kb / 2P
   Voltage 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR10100F SECOS-SBR10100F Datasheet
173Kb / 2P
   VOLTAGE 100 V 10.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R Datasheet
266Kb / 2P
   VOLTAGE 100 V 40.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R_11 Datasheet
269Kb / 2P
   Voltage 100 V 40.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com