전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP15R12W1T3 데이터시트(PDF) 5 Page - eupec GmbH

부품명 FP15R12W1T3
상세설명  IGBT-modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP15R12W1T3 데이터시트(HTML) 5 Page - eupec GmbH

  FP15R12W1T3 Datasheet HTML 1Page - eupec GmbH FP15R12W1T3 Datasheet HTML 2Page - eupec GmbH FP15R12W1T3 Datasheet HTML 3Page - eupec GmbH FP15R12W1T3 Datasheet HTML 4Page - eupec GmbH FP15R12W1T3 Datasheet HTML 5Page - eupec GmbH FP15R12W1T3 Datasheet HTML 6Page - eupec GmbH FP15R12W1T3 Datasheet HTML 7Page - eupec GmbH FP15R12W1T3 Datasheet HTML 8Page - eupec GmbH FP15R12W1T3 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Technische Information / technical information
FP15R12W1T3
IGBT-Module
IGBT-modules
!
Vorläufige Daten
preliminary data
Modul / module
3
8
%
%
M $2 ) * P 2 )
# !
-u0vw
2*
-
3
#
7 lxy
%
U
C
#
C
#
#
2*
2<
##
W
U
C
#
C
#
#
2
*2
##
- %
> %
%
#
%
D
,&3
z
*
# !
!
# D!
E
#
WF./
<
P
% >
2
7
,
#
2
#
&. ) *+,2
$
C
>
M..{|//{
M}}{|..{
12
2
#O
PU
E
% $
#
# D # # `
#
@
2
# ,
C 3
2
,
&'( 6G^
*
+,
& #
# $
#
>
%
@
2
# ,
C 3
2
,
&'( 5j
T
*
+,
W %
#
%
#
&F?d
T
*
+,
7
#
!
!
R
#
%
#
R
*
k
= >
> %
=
T
%
Der Strom im Dauerbetrieb ist auf 30 A pro Anschlusspin begrenzt.
The current under continuous operation is limited to 30 A rms per connector pin.


유사한 부품 번호 - FP15R12W1T3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
FP15R12W1T4 INFINEON-FP15R12W1T4 Datasheet
504Kb / 12P
   EasyPIM??module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 revision:2.2
FP15R12W1T4 INFINEON-FP15R12W1T4 Datasheet
961Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.2
FP15R12W1T4P INFINEON-FP15R12W1T4P Datasheet
769Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
FP15R12W1T4P_B11 INFINEON-FP15R12W1T4P_B11 Datasheet
791Kb / 12P
   EasyPIM Modul mit Trench
V3.0 2017-05-04
FP15R12W1T4 INFINEON-FP15R12W1T4_13 Datasheet
961Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.2
More results

유사한 설명 - FP15R12W1T3

제조업체부품명데이터시트상세설명
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com