전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28134 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL28134
상세설명  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL28134 Datasheet HTML 1Page - Intersil Corporation ISL28134 Datasheet HTML 2Page - Intersil Corporation ISL28134 Datasheet HTML 3Page - Intersil Corporation ISL28134 Datasheet HTML 4Page - Intersil Corporation ISL28134 Datasheet HTML 5Page - Intersil Corporation ISL28134 Datasheet HTML 6Page - Intersil Corporation ISL28134 Datasheet HTML 7Page - Intersil Corporation ISL28134 Datasheet HTML 8Page - Intersil Corporation ISL28134 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL28134
3
FN6957.1
June 8, 2011
Ordering Information
PART NUMBER
(Note 5)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28134IBZ (Notes 1, 3)
28134 IBZ
-40°C to +85°C
8 Ld SOIC
M8.15E
Coming Soon
ISL28134FBZ (Notes 1, 3)
28134 FBZ
-40°C to +125°C
8 Ld SOIC
M8.15E
Coming Soon
ISL28134FRUZ-T7 (Notes 2, 4)
U8
-40°C to +125°C
6 Ld µTDFN
L6.1.6x1.6
Coming Soon
ISL28134FHZ-T7 (Notes 2, 3)
BEEA (Note 6)
-40°C to +125°C
5 Ld SOT-23
P5.064A
Coming Soon
ISL28134FHZ-T7A (Notes 2, 3)
BEEA (Note 6)
-40°C to +125°C
5 Ld SOT-23
P5.064A
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL28134. For more information on MSL please see techbrief TB363.
6. The part marking is located on the bottom of the part.


유사한 부품 번호 - ISL28134

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28134 INTERSIL-ISL28134 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

유사한 설명 - ISL28134

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com