전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISLA212P50 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISLA212P50
상세설명  12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P50 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISLA212P50 Datasheet HTML 7Page - Intersil Corporation ISLA212P50 Datasheet HTML 8Page - Intersil Corporation ISLA212P50 Datasheet HTML 9Page - Intersil Corporation ISLA212P50 Datasheet HTML 10Page - Intersil Corporation ISLA212P50 Datasheet HTML 11Page - Intersil Corporation ISLA212P50 Datasheet HTML 12Page - Intersil Corporation ISLA212P50 Datasheet HTML 13Page - Intersil Corporation ISLA212P50 Datasheet HTML 14Page - Intersil Corporation ISLA212P50 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ISLA212P50
11
FN7843.1
May 25, 2011
CLKDIVRSTP Input Pull-down Resistance
RIpd
100
kΩ
CLKDIVRSTN Input Pull-up Resistance
RIpu
100
kΩ
LVDS OUTPUTS
Differential Output Voltage (Note 10)
VT
3mA Mode
612
mVP-P
Output Offset Voltage
VOS
3mA Mode
1120
1150
1200
mV
Output Rise Time
tR
240
ps
Output Fall Time
tF
240
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3 OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns
NOTES:
9. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
10. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
I2E Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
Offset Mismatch-induced Spurious Power
No I2E Calibration performed
-65
dBFS
Active Run state enabled
-70
dBFS
I2E Settling Times
I2Epost_t
Calibration settling time for
Active Run state
1000
ms
Minimum Duration of Valid Analog Input
tTE
Allow one I2E iteration of Offset,
Gain and Phase correction
100
µs
Largest Interleave Spur
fIN = 10MHz to 240MHz, Active
Run State enabled, in Track Mode
-99
dBc
fIN = 10MHz to 240MHz, Active
Run State enabled and previously
settled, in Hold Mode
-75
-80
dBc
fIN = 260MHz to 490MHz, Active
Run State enabled, in Track Mode
-99
dBc
fIN = 260MHz to 490MHz, Active
Run State enabled and previously
settled, in Hold Mode
-75
dBc
Total Interleave Spurious Power
Active Run State enabled, in
Track Mode, fIN is a broadband
signal in the 1st Nyquist zone
-85
dBc
Active Run State enabled, in
Track Mode, fIN is a broadband
signal in the 2nd Nyquist zone
-75
dBc
Sample Time Mismatch Between Unit ADCs
Active Run State enabled, in
Track Mode
25
fs
Gain Mismatch Between Unit ADCs
0.01
%FS
Offset Mismatch Between Unit ADCs
1mV


유사한 부품 번호 - ISLA212P50

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA212P50 INTERSIL-ISLA212P50 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

유사한 설명 - ISLA212P50

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com