전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23445WFRZ 데이터시트(PDF) 10 Page - Intersil Corporation

부품명 ISL23445WFRZ
상세설명  Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23445WFRZ 데이터시트(HTML) 10 Page - Intersil Corporation

Back Button ISL23445WFRZ Datasheet HTML 6Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 7Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 8Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 9Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 10Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 11Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 12Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 13Page - Intersil Corporation ISL23445WFRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL23445
10
FN7874.0
June 21, 2011
Typical Performance Curves
FIGURE 3. 10k
Ω DNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 4. 50k
Ω DNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 5. 10k
Ω INL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 6. 50k
Ω INL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 7. 10k
Ω RDNL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 8. 50k
Ω RDNL vs TAP POSITION, VCC = 3.3V, +25°C
-0.4
-0.2
0.0
0.2
0.4
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.12
-0.06
0.00
0.06
0.12
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.4
-0.2
0.0
0.2
0.4
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.12
-0.06
0.00
0.06
0.12
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.4
-0.2
0.0
0.2
0.4
0
64
128
192
256
TAP POSITION (DECIMAL)
-0.10
-0.05
0.00
0.05
0.10
0
64
128
192
256
TAP POSITION (DECIMAL)


유사한 부품 번호 - ISL23445WFRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL23445WFRZ RENESAS-ISL23445WFRZ Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results

유사한 설명 - ISL23445WFRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com