전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSMG501 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSMG501
상세설명  Low Power Constant Current LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSMG501 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSMG501 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSMG501 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSMG501 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSMG501 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSMG501 Series
Low Power Constant Current LED Driver
11-Dec-2009 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen or lead -free
DESCRIPTION
SSMG501 is a simple general purpose current regulation component that can be easily used in various LED
lighting applications. With the excellent load/line regulation and minimized chip current skew, SSMG501 keep LED’s
current very stable even when power or load fluctuate in a wide
range
and make intensity very uniform in large
area of LED light source.
Except power supply function, the VDD pin of SSMG501 is output enable (OE) also, and can be used in digital
PWM controlled circuit to achieve more precise current adjusting in gray level applications.
The minimized power supply voltage let SSMG501 be used as a current regulative diode (CRD) when VDD and
VP pin are tight together. This application makes SSMG501 very easy to be used. Just like a diode, when this diode
is inserted in LED series, the current in circuit is regulated.
In high supply voltage and low LED load voltage application, two or more single channel SSMG501 can be
connected in series to share redundant high voltage. the extra redundant voltage can be share by each SSMG501 by
a reasonable mechanism. This special capability let SSMG501 very suit for the usage of wide range power supply
that many liner type LED drivers cannot work.
FEATURES
18mA~30mA constant current regulator
Self power structure, no extra power supply is needed
0.4V~17V output voltage
2
µS/2µS current rising/falling time
Cascade-able for higher voltage application
No external current setting resistor is needed
1.6V~12V supply voltage
PWM dimming by VDD pin
-40℃~120℃ junction operating temperature
Less than 1%/V load(or line) regulation
APPLICATIONS
General LED Lighting
LED back lighting
LED torch/flashing
RGB lighting
MARKING CODE
SSMG501-18: 1A18
SSMG501-20: 1A20
SSMG501-25: 1A25
SSMG501-30: 1A30
Note: 18, 20, 25, 30 = Output Current(mA)
PACKAGE INFORMATION
Weight: 0.07800g (Approximately)
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.09
0.18
B
2.10
3.00
H
0.45
0.70
C
1.20
1.80
J
0.08
0.25
D
0.89
1.40
K
-
-
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


유사한 부품 번호 - SSMG501

제조업체부품명데이터시트상세설명
logo
Systemsensor advanced i...
SSM SYSTEMSENSOR-SSM Datasheet
139Kb / 2P
   Alarm Bells
logo
JST Mfg. Co., Ltd.
SSM-01T-P1.4 JST-SSM-01T-P1.4 Datasheet
177Kb / 3P
   SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Samtec, Inc
SSM-102-F-SV SAMTEC-SSM-102-F-SV Datasheet
284Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
SSM-102-F-SV-LC-P-BE SAMTEC-SSM-102-F-SV-LC-P-BE Datasheet
182Kb / 1P
   100[2.54]CL SURFACE MOUNT SOCKET STRIP
SSM-102-L-DH-TR SAMTEC-SSM-102-L-DH-TR Datasheet
284Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
More results

유사한 설명 - SSMG501

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com