전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSMG501-18 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSMG501-18
상세설명  Low Power Constant Current LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSMG501-18 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSMG501-18 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSMG501-18 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSMG501-18 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSMG501-18 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSMG501 Series
Low Power Constant Current LED Driver
11-Dec-2009 Rev. B
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
APPLICATION CIRCUITS
5V PWM Lighting Application
High Voltage Drop Application
12V Lighting Application
Parallel Application
36V Lighting Application
LED Vf = 3.3 V ~ 3.5 V
VDD = 35.5 V ~ 40 V
1AXX
1AXX
1AXX
1AXX
1AXX
1AXX


유사한 부품 번호 - SSMG501-18

제조업체부품명데이터시트상세설명
logo
Systemsensor advanced i...
SSM SYSTEMSENSOR-SSM Datasheet
139Kb / 2P
   Alarm Bells
logo
JST Mfg. Co., Ltd.
SSM-01T-P1.4 JST-SSM-01T-P1.4 Datasheet
177Kb / 3P
   SL CONNECTOR 3.96mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Samtec, Inc
SSM-102-F-SV SAMTEC-SSM-102-F-SV Datasheet
284Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
SSM-102-F-SV-LC-P-BE SAMTEC-SSM-102-F-SV-LC-P-BE Datasheet
182Kb / 1P
   100[2.54]CL SURFACE MOUNT SOCKET STRIP
SSM-102-L-DH-TR SAMTEC-SSM-102-L-DH-TR Datasheet
284Kb / 1P
   TIGER CLAW??SURFACE MOUNT SOCKET
More results

유사한 설명 - SSMG501-18

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com