전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC08043R3YZF-11 데이터시트(PDF) 2 Page - Superworld Electronics

부품명 SSC08043R3YZF-11
상세설명  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC08043R3YZF-11 데이터시트(HTML) 2 Page - Superworld Electronics

  SSC08043R3YZF-11 Datasheet HTML 1Page - Superworld Electronics SSC08043R3YZF-11 Datasheet HTML 2Page - Superworld Electronics SSC08043R3YZF-11 Datasheet HTML 3Page - Superworld Electronics SSC08043R3YZF-11 Datasheet HTML 4Page - Superworld Electronics SSC08043R3YZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +105°C
b)
L/L0A = 35% Typ. at Isat
a) Temp. rise : 40°C Typ. at Irms
PG. 2
SSC08041R0YZF-
1.0±30%
1V / 100K
9.5
11.0
Part No.
Inductance
( µH )
( m )
Frequency
( Hz )
Test
( A )
Max.
RDC
Isat
SSC0804 SERIES
SMD POWER INDUCTORS
8.0
100.0
Typ.
( MHZ )
Irms
SRF
( A )
30.08.2010
SSC08041R8YZF-
1.8±30%
1V / 100K
11.0
8.0
7.5
80.0
SSC08042R2YZF-
2.2±30%
1V / 100K
13.0
7.0
6.5
50.0
SSC08043R3YZF-
3.3±30%
1V / 100K
15.0
6.5
6.0
40.0
SSC08044R7YZF-
4.7±30%
1V / 100K
18.0
5.5
5.5
35.0
SSC08046R8YZF-
6.8±30%
1V / 100K
22.0
4.4
5.0
25.0
SSC0804100YZF-
10.0±30%
1V / 100K
35.0
3.8
4.0
22.0
SSC0804150YZF-
15.0±30%
1V / 100K
45.0
3.0
3.0
18.0
SSC0804220YZF-
22.0±30%
1V / 100K
65.0
2.4
2.8
15.0
SSC0804330YZF-
33.0±30%
1V / 100K
90.0
2.0
2.2
10.0
SSC0804470YZF-
47.0±30%
1V / 100K
120.0
1.8
1.8
9.0
SSC0804680YZF-
68.0±30%
1V / 100K
170.0
1.4
1.5
7.0
SSC0804101YZF-
100.0±30%
1V / 100K
270.0
1.2
1.2
6.5
NOTE : Specifications subject to change without notice. Please check our website for latest information.


유사한 부품 번호 - SSC08043R3YZF-11

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
SSC012AAA MACOM-SSC012AAA Datasheet
164Kb / 1P
   Specification Grade Discrete Plug-in
SSC012BAA MACOM-SSC012BAA Datasheet
164Kb / 1P
   Specification Grade Discrete Plug-in
SSC012EAA MACOM-SSC012EAA Datasheet
164Kb / 1P
   Specification Grade Discrete Plug-in
SSC012FAA MACOM-SSC012FAA Datasheet
164Kb / 1P
   Specification Grade Discrete Plug-in
SSC022AAA MACOM-SSC022AAA Datasheet
164Kb / 1P
   Specification Grade Discrete Plug-in
More results

유사한 설명 - SSC08043R3YZF-11

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com