전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC06036R0YZF-88 데이터시트(PDF) 2 Page - Superworld Electronics

부품명 SSC06036R0YZF-88
상세설명  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC06036R0YZF-88 데이터시트(HTML) 2 Page - Superworld Electronics

  SSC06036R0YZF-88 Datasheet HTML 1Page - Superworld Electronics SSC06036R0YZF-88 Datasheet HTML 2Page - Superworld Electronics SSC06036R0YZF-88 Datasheet HTML 3Page - Superworld Electronics SSC06036R0YZF-88 Datasheet HTML 4Page - Superworld Electronics SSC06036R0YZF-88 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +95°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 35% Typ.
a) Temp. rise : 30°C Typ. at rated current
SMD POWER INDUCTORS
SSC0603 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
04.10.2010
SSC06033R0YZF-
SSC0603560YZF-
SSC0603680YZF-
SSC0603101YZF-
SSC0603820YZF-
SSC0603120YZF-
SSC0603270YZF-
SSC0603390YZF-
SSC0603470YZF-
SSC0603330YZF-
SSC0603180YZF-
SSC0603220YZF-
SSC0603150YZF-
SSC0603100YZF-
SSC06038R6YZF-
SSC06037R3YZF-
SSC06035R0YZF-
SSC06036R0YZF-
SSC06033R9YZF-
Part No.
24
3.00
±30%
3.0
0.5V / 10K
0.5V / 10K
100.0 ±30%
82.0 ±30%
68.0
56.0
±30%
±30%
0.5V / 10K
0.5V / 10K
0.5V / 10K
0.54
535
390
304
277
0.60
0.65
0.73
±30%
12.0
0.5V / 10K
70
1.55
±30%
27.0
0.5V / 10K
±30%
39.0
47.0 ±30%
33.0 ±30%
0.5V / 10K
0.5V / 10K
0.5V / 10K
±30%
18.0
22.0 ±30%
15.0 ±30%
0.5V / 10K
0.5V / 10K
0.5V / 10K
142
1.05
210
238
165
0.86
0.80
0.97
95
128
84
1.32
1.20
1.40
10.0 ±30%
7.3
8.6
±30%
±30%
0.5V / 10K
0.5V / 10K
0.5V / 10K
±30%
5.0
6.0 ±30%
3.9 ±30%
0.5V / 10K
0.5V / 10K
0.5V / 10K
65
54
58
1.70
2.10
1.85
31
35
27
2.40
2.25
2.60
Frequency
Inductance
( µH )
( Hz )
Test
( m )
Max.
RDC
( A )
Max.
IDC


유사한 부품 번호 - SSC06036R0YZF-88

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSC06036R0YZF SUPERWORLD-SSC06036R0YZF Datasheet
401Kb / 5P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSC06036R0YZF-88

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com