전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC0604100YZF-11 데이터시트(PDF) 5 Page - Superworld Electronics

부품명 SSC0604100YZF-11
상세설명  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0604100YZF-11 데이터시트(HTML) 5 Page - Superworld Electronics

  SSC0604100YZF-11 Datasheet HTML 1Page - Superworld Electronics SSC0604100YZF-11 Datasheet HTML 2Page - Superworld Electronics SSC0604100YZF-11 Datasheet HTML 3Page - Superworld Electronics SSC0604100YZF-11 Datasheet HTML 4Page - Superworld Electronics SSC0604100YZF-11 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SMD POWER INDUCTORS
SSC0604 SERIES
FLUX : ROSIN
WITH FRESH SOLDER.
RESISTANCE TEST
HIGH TEMP.
APPLIED CURRENT : PER SPEC.
TIME : 500 HOURS
TEMPERATURE : 85±2°C
TIME : 500 HOURS
RESISTANCE TEST
HUMIDITY
THERMAL SHOCK
( TEMP. CYCLE )
TEST
INDUCTANCE SHALL
NOT CHANGE MORE
THAN ±20%
HUMIDITY : 90 ~ 95%
TEMPERATURE : 40±2°C
APPLIED CURRENT : PER SPEC.
TOTAL : 50 CYCLES
15 MINUTES
30 MINUTES
ROOM TEMP.
-25±2°C
ROOM TEMP.
15 MINUTES
85±2°C
30 MINUTES
DIP TIME : 4±1 SECONDS
TEST ITEM
SOLDERABILITY
9. RELIABILTY AND TEST CONDITION :
SHALL BE COVERED
TERMINAL ELECTRODE
MORE THAN 90% OF THE
SPECIFICATION
SOLDER TEMP. : 245±5°C
PREHEAT : 125±25°C FOR 60 SECONDS
SOLDER : 99%Sn/0.3%Ag/0.7%Cu OR EQUIVALENT
TEST CONDITION
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
04.10.2010
10. UL CARD :
TI
Coating Type
Type
Mtl Dsg
BC
__
__
__
TC
__
GUANGDONG CHINA
ANSI


유사한 부품 번호 - SSC0604100YZF-11

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSC0604100YZF SUPERWORLD-SSC0604100YZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSC0604100YZF-11

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com