전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC0604560YZF-88 데이터시트(PDF) 3 Page - Superworld Electronics

부품명 SSC0604560YZF-88
상세설명  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0604560YZF-88 데이터시트(HTML) 3 Page - Superworld Electronics

  SSC0604560YZF-88 Datasheet HTML 1Page - Superworld Electronics SSC0604560YZF-88 Datasheet HTML 2Page - Superworld Electronics SSC0604560YZF-88 Datasheet HTML 3Page - Superworld Electronics SSC0604560YZF-88 Datasheet HTML 4Page - Superworld Electronics SSC0604560YZF-88 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
DC CURRENT (A)
30
10
0
0
20
50
(°C)
40
t
60
12
4
36
57
(uH)
L
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
70
80
90
100Y
270Y
560Y
101Y
3R3Y
PG. 3
DC CURRENT (A)
FREQUENCY(MHZ)
04.10.2010
L
(uH)
0
35
-2
10
10-3
100
10
5
3
5
-1
10
3
3R3Y
3
5
10
35
35
101
2
270Y
3
100Y
10
1
101Y
102
560Y
5
10
-2
510
10-3
3
100
5
3
-1
10
35
3R3Y
3
5
5
35
101 3
0
102
270Y
100Y
3
10
1
101Y
560Y
102
5
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
3
5
103
3
5
103
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSC0604 SERIES


유사한 부품 번호 - SSC0604560YZF-88

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSC0604560YZF SUPERWORLD-SSC0604560YZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSC0604560YZF-88

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com