전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMC4S005 데이터시트(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

부품명 KMC4S005
상세설명  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKING [Thinking Electronic Industrial Co.,Ltd]
홈페이지  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC4S005 데이터시트(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  KMC4S005 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Electrical Characteristics(23℃
℃)
Resistance @ 23℃ ( )
Vmax.
Imax.
Ihold
@ 23℃
Itrip
@ 23℃
Pd
(Max.)
Maximum
Time to Trip
Initial
(Min.Ri)
Post trip
(Max.R1)
Safety Approvals
Current
Time
Part No.
(VDC)
(A)
(A)
(A)
(W)
(A)
(Sec.)
( )
( )
UL
cUL
TUV
KMC3S005
60
100
0.05
0.15
0.4
0.25
1.5
3.6
50
KMC3S010
60
100
0.10
0.25
0.4
0.50
1.0
1.6
15
KMC3S012
30
100
0.125
0.29
0.5
1
0.2
1.4
6
KMC3S016
30
100
0.16
0.37
0.5
1
0.3
1.1
4.5
KMC3S020
24
100
0.20
0.42
0.6
8
0.1
0.65
2.6
KMC3S025
16
100
0.25
0.50
0.6
8
0.08
0.55
2.3
KMC3S035
16
100
0.35
0.75
0.6
8
0.1
0.3
1.2
KMC3S050
6
100
0.50
1.00
0.6
8
0.1
0.15
0.7
KMC35050-15
15
100
0.50
1.00
0.6
8
0.1
0.15
0.7
KMC3S075
6
100
0.75
1.50
0.6
8
0.2
0.1
0.29
KMC3S100
6
100
1.00
1.80
0.8
8
0.3
0.065
0.21
KMC3S110
6
100
1.10
2.20
0.8
8
0.3
0.07
0.2
KMC3S150
6
100
1.50
3.00
0.8
8
1
0.04
0.12
KMC3S200
6
100
2.00
3.50
1
8
1.5
0.02
0.08
KMC4S005
30
10
0.05
0.15
0.6
0.25
1.5
3.6
50
KMC4S010
30
10
0.10
0.30
0.6
0.5
1.5
1.6
15
KMC4S020
30
10
0.20
0.40
0.6
8
0.02
0.8
5
KMC4S035
6
100
0.35
0.70
0.6
8
0.2
0.32
1.3
KMC4S050
13.2
100
0.50
1.00
0.6
8
0.1
0.25
0.9
KMC4S075
6
100
0.75
1.50
0.6
8
0.1
0.11
0.4
KMC4S110
6
100
1.10
2.20
0.6
8
0.3
0.06
0.21
KMC4S150
6
100
1.50
3.00
0.8
8
0.5
0.04
0.11
KMC4S175
6
40
1.75
3.50
0.8
8
0.8
0.02
0.08


유사한 부품 번호 - KMC4S005

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KMC-21 ETC2-KMC-21 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC-45 ETC2-KMC-45 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
United Chemi-Con, Inc.
KMC101E104M31N0T00 CHEMI-CON-KMC101E104M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E105M43N0T00 CHEMI-CON-KMC101E105M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

유사한 설명 - KMC4S005

제조업체부품명데이터시트상세설명
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com