전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPM1S471P075RA 데이터시트(PDF) 7 Page - Thinking Electronic Industrial Co.,Ltd

부품명 TPM1S471P075RA
상세설명  SMD CPTC Thermistor for Automotive Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKING [Thinking Electronic Industrial Co.,Ltd]
홈페이지  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1S471P075RA 데이터시트(HTML) 7 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1S471P075RA Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM1S471P075RA Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CPTC Thermistor:
:TPM Type
SMD CPTC Thermistor for Automotive Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
7
www.thinking.com.tw
2011.06
All specifications are subject to change without notice.
Item
Standard
Test Conditions / Methods
Specifications
Climatic Sequence
IEC 60738-1
a. 150 ℃ x 16 HRS
b. 1st cycle : 40 ℃ 95 %RH x 24 HRS
c. -25 ℃ x 2 HRS
d. 5 cycles : 40℃
95% RH x 24 HRS / Cycle
No visible damage
∣△R25/R25∣≦ 20 %
High Temp. &
Humidity Load
Specification
Standard
85 ± 5 ℃ , 80 ~ 85% RH , Vmax. , 1000± 24 hrs
No visible damage
∣△R25/R25∣≦ 20 %
Solderability
IEC 60068-2-2
235 ± 5 ℃ , 2 ± 0.5 sec
At least 95% of terminal
electrode is covered by new
solder
Resistance to
Soldering Heat
IEC 60068-2-2
260 ± 5 ℃ , 10 ± 1 sec
No visible damage
∣△R25/R25∣≦ 20 %
Low Temp.
Storage
Specification
Standard
-40 ± 3 ℃ , 1000 ± 24 HRS
No visible damage
∣△R25/R25∣≦ 20 %
Package
Taping Specification
(Unit: mm)
A0
B0
W
E
F
P1
P2
P0
D0
K0
Index
Type
±0.2
±0.2
±0.2
±0.1
±0.05
±0.1
±0.05
±0.1
±0.1
±0.1
0603
1.1
1.9
8
1.75
3.5
4
2
4
1.55
0.95
0805
1.5
2.3
8
1.75
3.5
4
2
4
1.55
0.95
A
B
P
1
E
F
W
D
P0
P2
T
K0
D0
B0
A0
P1
P0
P
2
E
W
F


유사한 부품 번호 - TPM1S471P075RA

제조업체부품명데이터시트상세설명
logo
Thinking Electronic Ind...
TPM1S471P075R THINKING-TPM1S471P075R Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
More results

유사한 설명 - TPM1S471P075RA

제조업체부품명데이터시트상세설명
logo
Thinking Electronic Ind...
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
TPM1P330M100R THINKING-TPM1P330M100R Datasheet
173Kb / 7P
   SMD CPTC Thermistor for Over-Current Protection
PHRA1301P7A4 THINKING-PHRA1301P7A4 Datasheet
69Kb / 2P
   CPTC Thermistor
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
NC1206KR151KB ETC2-NC1206KR151KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR
LNSZ10 ETC-LNSZ10 Datasheet
228Kb / 10P
   NTC Thermistor SMD
logo
Crystek Corporation
E35A27VBCS CRYSTEKCRYSTAL-E35A27VBCS Datasheet
348Kb / 1P
   ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
logo
KEC(Korea Electronics)
E25A2CS KEC-E25A2CS Datasheet
446Kb / 2P
   ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com