전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC0404FC3.3C 데이터시트(PDF) 6 Page - Protek Devices

부품명 LC0404FC3.3C
상세설명  200W LOW CAPACITANCE flip chip tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0404FC3.3C 데이터시트(HTML) 6 Page - Protek Devices

  LC0404FC3.3C_11 Datasheet HTML 1Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 2Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 3Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 4Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 5Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 6Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 7Page - Protek Devices LC0404FC3.3C_11 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05157.R8 2/11
Page 6
LC0404FC3.3C - LC0404FC36C
0404 PACKAGE INFORMATION
OuTLINE DIMENsIONs
DIM
MILLIMETERs
INChEs
MIN
MAX
MIN
MAX
A
0.46
0.56
0.018
0.022
B
0.86
0.034
C
0.98
1.02
0.038
0.040
E
0.15 SQ
0.15 SQ
0.006 SQ
0.006 SQ
F
0.975
1.025
0.038
0.040
G
0.15
0.006
H
0.076
0.127
0.003
0.005
I
0.406
0.016
NOTEs
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
LAyOuT DIMENsIONs
DIM
MILLIMETERs
INChEs
NOMINAL
NOMINAL
A
0.51
0.020
C
0.30
0.012
D
0.46
0.018
E
0.20
0.008
F
0.15 SQ
0.006 SQ
G
0.71
0.028
H
0.99
0.039
I
0.51
0.020
NOTEs
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Preferred: Usign 0.1mm (0.004”) stencil.
A B C
G
E
F
TOP
END
I
H
SIDE
C
A
D
DIE
SOLDER
BUMP
E
F
G
H
I
SOLDER PRINT
0.010” - 0.012” DIA.
SOLDER PADS
SOLDER MASK


유사한 부품 번호 - LC0404FC3.3C_11

제조업체부품명데이터시트상세설명
logo
Protek Devices
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

유사한 설명 - LC0404FC3.3C_11

제조업체부품명데이터시트상세설명
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com