전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC0408FC36C 데이터시트(PDF) 1 Page - Protek Devices

부품명 LC0408FC36C
상세설명  200w low capacitance flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC36C 데이터시트(HTML) 1 Page - Protek Devices

  LC0408FC36C Datasheet HTML 1Page - Protek Devices LC0408FC36C Datasheet HTML 2Page - Protek Devices LC0408FC36C Datasheet HTML 3Page - Protek Devices LC0408FC36C Datasheet HTML 4Page - Protek Devices LC0408FC36C Datasheet HTML 5Page - Protek Devices LC0408FC36C Datasheet HTML 6Page - Protek Devices LC0408FC36C Datasheet HTML 7Page - Protek Devices LC0408FC36C Datasheet HTML 8Page - Protek Devices LC0408FC36C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05153.R8 2/11
Page 1
LC0408FC3.3C - LC0408FC36C
200w Low CaPaCitanCe FLiP ChiP tvs aRRay
DesCRiPtion
The LC0408FCxxC Series Flip Chips employ advanced silicon P/N junction technology for unmatched board-level transient voltage protection against Electrostatic Dis-
charge (ESD) and Electrical Fast Transients (EFT). Developed specifically for high-density circuit protection, this series meets the IEC 61000-4-2 and 61000-4-4 require-
ments. These devices are ideally suited for handheld devices, PCMCIA and SMART cards.
This low capacitance series provides ESD protection greater than 25 kilovolts with a peak pulse power dissipation of 200 Watts per line for an 8/20µs waveform. In ad-
dition, the LC0408FCxxC series features superior clamping performance, low leakage current characteristics and a response time of less than a nanosecond. Their low
inductance virtually eliminates overshoot voltage due to package inductance.
FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• Available in Voltages Ranging from 3.3V to 36V
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Protection for 4 to 7 Lines
• Bidirectional and Monolithic Structure
• Low Clamping Voltage
• Low Capacitance
• RoHS Compliant
• REACH Compliant
MeChaniCaL ChaRaCteRistiCs
• Standard EIA Chip Size: 0408
• Approximate Weight: 0.73 milligrams
• Lead-Free Plating
• Solder Reflow Temperature:
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape per EIA Standard 481
• Top Contacts: Solder Bump 0.004” in Height (Nominal)
aPPLiCations
• Cellular Phones
• MCM Boards
• Wireless Communication Circuits
• IR LEDs
• SMART & PCMCIA Cards
Pin ConFiGuRation


유사한 부품 번호 - LC0408FC36C

제조업체부품명데이터시트상세설명
logo
Protek Devices
LC0408FC36C PROTEC-LC0408FC36C Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC36C PROTEC-LC0408FC36C Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC36C PROTEC-LC0408FC36C Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
More results

유사한 설명 - LC0408FC36C

제조업체부품명데이터시트상세설명
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com