전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14C88 데이터시트(PDF) 11 Page - Cypress Semiconductor

부품명 STK14C88
상세설명  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88 데이터시트(HTML) 11 Page - Cypress Semiconductor

Back Button STK14C88 Datasheet HTML 7Page - Cypress Semiconductor STK14C88 Datasheet HTML 8Page - Cypress Semiconductor STK14C88 Datasheet HTML 9Page - Cypress Semiconductor STK14C88 Datasheet HTML 10Page - Cypress Semiconductor STK14C88 Datasheet HTML 11Page - Cypress Semiconductor STK14C88 Datasheet HTML 12Page - Cypress Semiconductor STK14C88 Datasheet HTML 13Page - Cypress Semiconductor STK14C88 Datasheet HTML 14Page - Cypress Semiconductor STK14C88 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 11 of 20
nvSRAM Operation
The STK14C88 has two separate modes of operation: SRAM
mode and nonvolatile mode. In SRAM mode, the memory
operates as a standard fast static RAM. In nonvolatile mode,
data is transferred from SRAM to nonvolatile elements (the
STORE operation) or from nonvolatile elements to SRAM (the
RECALL operation). In this mode, SRAM functions are disabled.
Noise Considerations
The STK14C88 is a high speed memory and so must have a high
frequency bypass capacitor of approximately 0.1
F connected
between VCAP and VSS, using leads and traces that are as short
as possible. As with all high speed CMOS ICs, careful routing of
power, ground, and signals helps to prevent noise problems.
SRAM Read
The STK14C88 performs a read cycle whenever E and G are
low, and W and HSB are high. The address specified on pins
A0-14 determines which of the 32,768 data bytes are accessed.
When the read is initiated by an address transition, the outputs
are valid after a delay of tAVQV (Read cycle #1). If the read is
initiated by E or G, the outputs are valid at tELQV or at tGLQV,
whichever is later (Read cycle #2). The data outputs repeatedly
respond to address changes within the tAVQV access time
without the need for transitions on any control input pins, and
remain valid until another address change or until E or G is
brought high, or W or HSB is brought low.
SRAM Write
A write cycle is performed whenever E and W are low, and HSB
is high. The address inputs must be stable prior to entering the
write cycle and must remain stable until either E or W goes high
at the end of the cycle. The data on the common I/O pins DQ0-7
are written into the memory if it is valid tDVWH before the end of
a W controlled write or tDVEH before the end of an E controlled
write.
Keep G high during the entire write cycle to avoid data bus
contention on common I/O lines. If G is left low, internal circuitry
turns off the output buffers tWLQZ after W goes low.
Power Up RECALL
During power up, or after any low power condition (VCAP <
VRESET), an internal RECALL request is latched. When VCAP
again exceeds the sense voltage of VSWITCH, a RECALL cycle
is automatically initiated and takes tRESTORE to complete.
If the STK14C88 is in a write state at the end of power up
RECALL, the SRAM data will be corrupted. To avoid this, a 10
KOhm resistor should be connected either between W and
system VCC or between E and system VCC.
Software Nonvolatile STORE
The STK14C88 software STORE cycle is initiated by executing
sequential E controlled read cycles from six specific address
locations. During the STORE cycle an erase of the previous
nonvolatile data is first performed, followed by a program of the
nonvolatile elements. The program operation copies the SRAM
data into nonvolatile memory. When a STORE cycle is initiated,
further input and output are disabled until the cycle is completed.
Because a sequence of reads from specific addresses is used
for STORE initiation, it is important that no other read or write
accesses intervene in the sequence, or the sequence will be
aborted and no STORE or RECALL takes place.
To initiate the software STORE cycle, the following read
sequence must be performed:
1. Read address 0E38 (hex) Valid READ
2. Read address 31C7 (hex) Valid READ
3. Read address 03E0 (hex) Valid READ
4. Read address 3C1F (hex) Valid READ
5. Read address 303F (hex) Valid READ
6. Read address 0FC0 (hex) Initiate STORE cycle
The software sequence must be clocked with E controlled reads.
After the sixth address in the sequence is entered, the STORE
cycle commences and the chip is disabled. Use only read cycles
in the sequence, although it is not necessary that G be low for
the sequence to be valid. After the tSTORE cycle time is fulfilled,
the SRAM is again activated for read and write operation.
Software Nonvolatile RECALL
A software RECALL cycle is initiated with a sequence of read
operations in a manner similar to the software STORE initiation.
To initiate the RECALL cycle, the following sequence of E
controlled read operations must be performed:
1. Read address 0E38 (hex) Valid READ
2. Read address 31C7 (hex) Valid READ
3. Read address 03E0 (hex) Valid READ
4. Read address 3C1F (hex) Valid READ
5. Read address 303F (hex) Valid READ
6. Read address 0C63 (hex) Initiate RECALL cycle
Internally, RECALL is a two step procedure. First, the SRAM data
is cleared, and second, the nonvolatile information is transferred
into the SRAM cells. After the tRECALL cycle time, the SRAM is
again ready for read and write operations. The RECALL
operation in no way alters the data in the nonvolatile elements.
The nonvolatile data can be recalled an unlimited number of
times.
AutoStore Mode
The STK14C88 can be powered in one of three modes.
During normal AutoStore operation, the STK14C88 draws
current from VCC to charge a capacitor connected to the VCAP
pin. This stored charge is used by the chip to perform a single
STORE operation. After power up, when the voltage on the VCAP
pin drops below VSWITCH, the part automatically disconnects the
VCAP pin from VCC and initiate a STORE operation.
[+] Feedback


유사한 부품 번호 - STK14C88

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK14C88

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com