전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14C88-3NF45I 데이터시트(PDF) 6 Page - Cypress Semiconductor

부품명 STK14C88-3NF45I
상세설명  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45I 데이터시트(HTML) 6 Page - Cypress Semiconductor

Back Button STK14C88-3NF45I Datasheet HTML 2Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 3Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 9Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
STK14C88-3
Document Number: 001-50592 Rev. *D
Page 6 of 18
Software RECALL
Data is transferred from the nonvolatile memory to the SRAM
by a software address sequence. A software RECALL cycle is
initiated with a sequence of READ operations in a manner
similar to the software STORE initiation. To initiate the
RECALL cycle, the following sequence of CE controlled READ
operations is performed:
1. Read address 0x0E38, Valid READ
2. Read address 0x31C7, Valid READ
3. Read address 0x03E0, Valid READ
4. Read address 0x3C1F, Valid READ
5. Read address 0x303F, Valid READ
6. Read address 0x0C63, Initiate RECALL cycle
Internally, RECALL is a two step procedure. First, the SRAM
data is cleared, and then the nonvolatile information is trans-
ferred into the SRAM cells. After the tRECALL cycle time, the
SRAM is once again ready for READ and WRITE operations.
The RECALL operation does not alter the data in the nonvol-
atile elements. The nonvolatile data can be recalled an
unlimited number of times.
Preventing STORE
The STORE function can be disabled on the fly by holding HSB
high with a driver capable of sourcing 30 mA at a VOH of at
least 2.2V, because it has to overpower the internal pull down
device. This device drives HSB LOW for 20
μs at the onset of
a STORE. When the STK14C88-3 is connected for AutoStore
operation (system VCC connected to VCC and a 68 μF
capacitor on VCAP) and VCC crosses VSWITCH on the way
down, the STK14C88-3 attempts to pull HSB LOW. If HSB
does not actually get below VIL, the part stops trying to pull
HSB LOW and aborts the STORE attempt.
Hardware Protect
The STK14C88-3 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs during low
voltage conditions. When VCAP<VSWITCH, all externally
initiated STORE operations and SRAM WRITEs are inhibited.
Noise Considerations
The STK14C88-3 is a high speed memory. It must have a high
frequency bypass capacitor of approximately 0.1 µF
connected between VCC and VSS, using leads and traces that
are as short as possible. As with all high speed CMOS ICs,
careful routing of power, ground, and signals reduce circuit
noise.
Low Average Active Power
CMOS technology provides the STK14C88-3 the benefit of
drawing significantly less current when it is cycled at times
longer than 50 ns. Figure 4 and Figure 5 show the relationship
between ICC and READ or WRITE cycle time. Worst case
current consumption is shown for both CMOS and TTL input
levels (commercial temperature range, VCC = 3.6V, 100%
duty cycle on chip enable). Only standby current is drawn
when the chip is disabled. The overall average current drawn
by the STK14C88-3 depends on the following items:
1. The duty cycle of chip enable
2. The overall cycle rate for accesses
3. The ratio of READs to WRITEs
4. CMOS versus TTL input levels
5. The operating temperature
6. The VCC level
7. I/O loading
Figure 4. Current Versus Cycle Time (READ)
Figure 5. Current Versus Cycle Time (WRITE)
[+] Feedback
[+] Feedback


유사한 부품 번호 - STK14C88-3NF45I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14C88-3NF45I ETC-STK14C88-3NF45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF45I SIMTEK-STK14C88-3NF45I Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45I SIMTEK-STK14C88-3NF45I Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45I CYPRESS-STK14C88-3NF45I Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK14C88-3NF45ITR SIMTEK-STK14C88-3NF45ITR Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

유사한 설명 - STK14C88-3NF45I

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com