전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK15C88-NF45ITR 데이터시트(PDF) 2 Page - Cypress Semiconductor

부품명 STK15C88-NF45ITR
상세설명  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45ITR 데이터시트(HTML) 2 Page - Cypress Semiconductor

  STK15C88-NF45ITR Datasheet HTML 1Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 2Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 2 of 17
Contents
Pin Configurations ........................................................... 3
Device Operation .............................................................. 4
SRAM Read ....................................................................... 4
SRAM Write ....................................................................... 4
AutoStore Operation ........................................................ 4
Hardware RECALL (Power Up) ........................................ 4
Software STORE ............................................................... 4
Software RECALL ............................................................. 4
Hardware Protect .............................................................. 5
Noise Considerations ....................................................... 5
Low Average Active Power .............................................. 5
Best Practices ................................................................... 5
Maximum Ratings ............................................................. 7
DC Electrical Characteristics .......................................... 7
Data Retention and Endurance ....................................... 8
Capacitance ...................................................................... 8
Thermal Resistance .......................................................... 8
AC Test Conditions .......................................................... 8
AC Switching Characteristics ......................................... 9
SRAM Read Cycle ............................................................. 9
Switching Waveforms ...................................................... 9
SRAM Write Cycle .......................................................... 10
Switching Waveforms .................................................... 10
AutoStore or Power Up RECALL .................................. 11
Switching Waveforms .................................................... 11
Software Controlled STORE/RECALL Cycle ................ 12
Ordering Information ...................................................... 13
Ordering Code Definitons .......................................... 13
Package Diagrams .......................................................... 14
Document History Page ................................................. 16
Sales, Solutions and Legal Information ....................... 17
Worldwide Sales and Design Support ....................... 17
Products .................................................................... 17
PSoC Solutions ......................................................... 17
[+] Feedback


유사한 부품 번호 - STK15C88-NF45ITR

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK15C88-NF45ITR SIMTEK-STK15C88-NF45ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45ITR CYPRESS-STK15C88-NF45ITR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

유사한 설명 - STK15C88-NF45ITR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com