전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3474-01 데이터시트(PDF) 2 Page - Fuji Electric

부품명 2SK3474-01
상세설명  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3474-01 데이터시트(HTML) 2 Page - Fuji Electric

  2SK3474-01 Datasheet HTML 1Page - Fuji Electric 2SK3474-01 Datasheet HTML 2Page - Fuji Electric 2SK3474-01 Datasheet HTML 3Page - Fuji Electric 2SK3474-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
0.1
1
10
100
0.1
1
10
100
ID [A]
Typical Transconductance
01
23
4
5
678
9
10
0.1
1
10
100
VGS[V]
Typical Transfer Characteristic
0123
4
5
6
0
10
20
30
40
50
20V
7.0V
10V
8V
6.5V
7.5V
6.0V
VDS [V]
Typical Output Characteristics
VGS=5.5V
Characteristics
2SK3474-01
FUJI POWER MOSFET
ID=f(VGS):80µs Pulse test, VDS=25V,Tch=25°C
ID=f(VDS):80µs Pulse test,Tch=25°C
gfs=f(ID):80µs Pulse test, VDS=25V,Tch=25°C
0
5
10
15
20
25
30
35
40
45
50
0.00
0.05
0.10
0.15
0.20
0.25
0.30
7.0V
6.5V
ID [A]
Typical Drain-Source on-state Resistance
10V
20V
8V
7.5V
6.0V
VGS=
5.5V
RDS(on)=f(ID):80µs Pulse test, Tch=25°C
025
50
75
100
125
150
0
1
2
3
4
5
Surface mounted on
1000mm2,t=1.6mm FR-4 PCB
(Drain pad area : 500mm2)
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]
0
25
50
75
100
125
150
0
25
50
75
100
125
150
175
200
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]


유사한 부품 번호 - 2SK3474-01

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

유사한 설명 - 2SK3474-01

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com