전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDV251M 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDV251M
상세설명  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV251M 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDV251M Datasheet HTML 1Page - KEC(Korea Electronics) KDV251M Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCO FOR C/P, CB PLL
FEATURES
Low Series Resistance : 0.6
(Max.)
High Capacitance Ratio : 1.7(Min.)
2.2(Max.)
MAXIMUM RATING (Ta=25
)
1
2
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
H
J
K
1. ANODE
2. CATHODE
3.20 MAX
4.30 MAX
0.55 MAX
2.40 0.15
1.27
2.30
14.00 0.50
0.60 MAX
1.05
1.45
25
0.55 MAX
L
M
N
EE
L
N
M
C
H
0.80
O0.75
O
B
+
_
+
_
12
2002. 6. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV251M/S
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
12
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Grade
Type Name
Marking
Lot No.
Q3
CLASSIFICATION OF CAPACITANCE RATIO GRADE
GRADE
CAPACITANCE RATIO (C1.6V/C5V)
NONE
1.70
2.20
A
1.70
1.82
B
1.80
1.92
C
1.90
2.020
D
2.00
2.12
E
2.10
2.20
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=10 A
12
-
-
V
Reverse Current
IR
VR=9V
-
-
200
nA
Capacitance
C1.6V
VR=1.6V, f=1MHz
23
-
38
pF
Capacitance
C5V
VR=5V, f=1MHz
11
-
19
pF
Capacitance Ratio
C1.6V/C5V
1.7
-
2.2
Series Resistance
rS
VR=1V, f=50MHz
-
-
0.6
DIM
MILLIMETERS
1. NC
2. ANODE
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+
_


유사한 부품 번호 - KDV251M

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDV251M KEC-KDV251M Datasheet
172Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO FOR CB,C/P PLL)
KDV251M KEC-KDV251M_15 Datasheet
508Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

유사한 설명 - KDV251M

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com